Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS104A Datasheet(PDF) 1 Page - Semtech Corporation

Part # ACS104A
Description  ACS104A Fiber Modem
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS104A Datasheet(HTML) 1 Page - Semtech Corporation

  ACS104A Datasheet HTML 1Page - Semtech Corporation ACS104A Datasheet HTML 2Page - Semtech Corporation ACS104A Datasheet HTML 3Page - Semtech Corporation ACS104A Datasheet HTML 4Page - Semtech Corporation ACS104A Datasheet HTML 5Page - Semtech Corporation ACS104A Datasheet HTML 6Page - Semtech Corporation ACS104A Datasheet HTML 7Page - Semtech Corporation ACS104A Datasheet HTML 8Page - Semtech Corporation ACS104A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2
Advanced Communications
ACS104A Data Sheet
Description
Equivalent Block Diagram of ACS104A
ACS104A
*
Low cost, single-chip solution for data powered RS-232 modems
using twin fiber-optic cables. Includes all analog/digital functions
except for power extraction circuitry and RS-232 level shifting.
*
Suitable for plastic or glass fiber, RF, infra-red over free air or
other media.
*
Uses low cost LED and PIN combination to transmit and receive
data.
*
Additional operating mode to support PIN with integrated TIA.
*
Asynchronous data rates from DC to 162kbps.
*
Very low power consumption; typically 2 - 3mA, which could be
extracted from the RS232 port itself, for > 12 dB link budget.
*
Supports 3 additional low frequency asynchronous channels or
the RS-232 handshake signals.
*
Bit Error Rate (BER) < 10-9
*
Available in 44 pin TQFP (part no: ACS104A-TQ) and 28 pin
PLCC (part no: ACS104A-PL) packages.
The ACS104A is a complete controller, driver and receiver IC, supporting full-
duplex asynchronous transmission from DC to 162kbps over a serial link.
Improved sensitivity and additional operating modes are offered over the
ACS104. Although primarily designed to be used with standard LED emitters and
PIN receivers and twin optical fibers, any other simple serial media may be used.
The ACS104A is optimised for very low power consumption, consuming only 2 -
3mA at RS-232 data rates including power provided to the LED and 'heartbeat'
monitor. In applications where the power is extracted from the RS232 data lines,
this leaves a generous amount of power left for any power extraction and RS-232
level shifting circuitry.
The ACS104A employs data compression and time compression techniques,
affording high launch power in short bursts, leading to a low average power
consumption. The advantage of this approach is that high link budgets can be
achieved with inexpensive optical components. For example, the recommended
set-up for RS-232 applications (19.2kbps + handshake signals) assumes that the
LED is driven with a peak current of approximately 15.4mA for 6 % of the time.
The machine cycle is short enough to facilitate power supply smoothing with a
small external capacitor in the region of 100µF.
LED
Driver
PIN
Receiver
Data
Compress
3B4B
Encoder
Digital
Filter
Data
Decompress
3B4B
Decoder
Digital
Filter
RS-232 Interface
Control Logic
DCDB CTS
DSR
RTS
DTR
DR(2:1) DM(2:1)
LED/PIN
combinations
TRC
TxD
RxD
FIFO Time
Decompress
FIFO Time
Compress
PORB
RIO
RII
HBT
Features
ACS104A Fiber Modem


Similar Part No. - ACS104A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS101A SEMTECH-ACS101A Datasheet
122Kb / 12P
   Acapella Optical Modem IC
logo
STMicroelectronics
ACS102 STMICROELECTRONICS-ACS102 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1 STMICROELECTRONICS-ACS102-5T1 Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5T1-TR STMICROELECTRONICS-ACS102-5T1-TR Datasheet
97Kb / 8P
   AC LINE SWITCH
ACS102-5TA STMICROELECTRONICS-ACS102-5TA Datasheet
97Kb / 8P
   AC LINE SWITCH
More results

Similar Description - ACS104A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS102A SEMTECH-ACS102A Datasheet
147Kb / 13P
   ACS102A Fiber Modem
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com