Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS60A09-P1J Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GS60A09-P1J
Description  60WAC-DC Single Output Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS60A09-P1J Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GS60A09-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS60A09-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
70 10mm
11 0.5mm
MechanicalSpecification
FileName:GS60-SPEC 2011-06-15
AMBIENTTEMPERATURE(
)
-30
0
20
10
30
40
20
40
50
80
60
100
60
50
70
INPUTVOLTAGE(VAC)60Hz
90
100
95
120
110
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
(HORIZONTAL)
DeratingCurve
StaticCharacteristics
125
31.5
UL262416AWG
UL118516AWG1000 50mmfor12~15V
1000 50mmfor5~9V
UL118518AWG1800 50mmfor18~48V
POWERLED
Plug Assignment
Standardplug:P1J
ID2.1xOD5.5
C"+"
P/N
OUTPUT
P1J
CENTER
+
G S 6 0 series
60W AC-DCSingleOutputDesktop
CaseNo.974A
Unit:mm


Similar Part No. - GS60A09-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS60A05-P1J MEANWELL-GS60A05-P1J Datasheet
151Kb / 2P
   60WAC-DC Single Output Desktop
GS60A07-P1J MEANWELL-GS60A07-P1J Datasheet
151Kb / 2P
   60WAC-DC Single Output Desktop
More results

Similar Description - GS60A09-P1J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS60 MEANWELL-GS60_12 Datasheet
151Kb / 2P
   60WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_11 Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
GS90 MEANWELL-GS90 Datasheet
127Kb / 2P
   90WAC-DC Single Output Desktop
AS-120P MEANWELL-AS-120P Datasheet
263Kb / 2P
   120WAC-DC Single Output Desktop
FM90C MEANWELL-FM90C Datasheet
128Kb / 2P
   90WAC-DC Single Output Desktop
GS220 MEANWELL-GS220_12 Datasheet
189Kb / 2P
   220WAC-DC Single Output Desktop
GS160 MEANWELL-GS160_12 Datasheet
263Kb / 2P
   160WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_12 Datasheet
148Kb / 2P
   40WAC-DC Single Output Desktop
GS120 MEANWELL-GS120_12 Datasheet
166Kb / 2P
   120WAC-DC Single Output Desktop
GS160_1011 MEANWELL-GS160_1011 Datasheet
244Kb / 2P
   160WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com