Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15118EWI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15118EWI
Description  High-Efficiency, 18A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15118EWI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15118EWI Datasheet HTML 3Page - Maxim Integrated Products MAX15118EWI Datasheet HTML 4Page - Maxim Integrated Products MAX15118EWI Datasheet HTML 5Page - Maxim Integrated Products MAX15118EWI Datasheet HTML 6Page - Maxim Integrated Products MAX15118EWI Datasheet HTML 7Page - Maxim Integrated Products MAX15118EWI Datasheet HTML 8Page - Maxim Integrated Products MAX15118EWI Datasheet HTML 9Page - Maxim Integrated Products MAX15118EWI Datasheet HTML 10Page - Maxim Integrated Products MAX15118EWI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
����������������������������������������������������������������� Maxim Integrated Products  7
MAX15118
High-Efficiency, 18A, Current-Mode Synchronous
Step-Down Regulator with Integrated Switches
Typical Operating Characteristics (continued)
(VIN = 5V, VOUT = 1.5V, CSS = 0.1µF, see the Typical Operating Circuits, TA = +25°C, unless otherwise noted.)
LOAD-TRANSIENT RESPONSE
(VIN = 3.3V, VOUT = 1.5V, ILOAD = 1.8A TO 16A)
MAX15118 toc14
16A
1.8A
VOUT
50mV/div
AC-COUPLED
PWM MODE
IOUT
5A/div
100µs/div
SWITCHING WAVEFORMS
(VIN = 5V, VOUT = 1.5V, ILOAD = 1.8A)
MAX15118 toc15
ILX
10A/div
VOUT
20mV/div
AC-COUPLED
VLX
2V/div
400ns/div
SWITCHING WAVEFORMS
(VIN = 3.3V, VOUT = 1.5V, ILOAD = 18A)
MAX15118 toc16
ILX
10A/div
VOUT
20mV/div
AC-COUPLED
VLX
2V/div
400ns/div
SWITCHING WAVEFORMS IN SKIP MODE
(VIN = 3.3V, VOUT = 1.5V, ILOAD = 10mA)
MAX15118 toc17
ILX
5A/div
VOUT
20mV/div
AC-COUPLED
VLX
2V/div
2µs/div
SHUTDOWN WAVEFORMS
(VIN = 3.3V, VOUT = 1.5V, ILOAD = 9A)
MAX15118 toc18
ILX
5A/div
VENABLE
2V/div
VOUT
500mV/div
VPGOOD
2V/div
100µs/div
SOFT-START WAVEFORMS
(PWM MODE, ILOAD = 10A)
MAX15118 toc19
ILX
5A/div
VENABLE
2V/div
VOUT
1V/div
VPGOOD
2V/div
1ms/div


Similar Part No. - MAX15118EWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15118EVKIT MAXIM-MAX15118EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
2012
More results

Similar Description - MAX15118EWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15112 MAXIM-MAX15112 Datasheet
3Mb / 23P
   High-Efficiency, 12A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches
Rev 0; 6/11
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15109 MAXIM-MAX15109 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com