Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15109 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15109
Description  High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15109 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15109 Datasheet HTML 4Page - Maxim Integrated Products MAX15109 Datasheet HTML 5Page - Maxim Integrated Products MAX15109 Datasheet HTML 6Page - Maxim Integrated Products MAX15109 Datasheet HTML 7Page - Maxim Integrated Products MAX15109 Datasheet HTML 8Page - Maxim Integrated Products MAX15109 Datasheet HTML 9Page - Maxim Integrated Products MAX15109 Datasheet HTML 10Page - Maxim Integrated Products MAX15109 Datasheet HTML 11Page - Maxim Integrated Products MAX15109 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
High-Efficiency, 8A, Current-Mode Synchronous
Step-Down Switching Regulator with VID Control
8 ______________________________________________________________________________________
Pin Description
Pin Configuration
BUMP
NAME
FUNCTION
A1, B1,
C1, D1
PGND
Power Ground. Low-side switch source terminal. Connect PGND and the return terminals of
input and output capacitors to the power ground plane.
A2, A3,
B2, C2
LX
Inductor Connection. Connect LX to the switching side of the inductor. LX is high impedance
when the device is in shutdown mode.
A4
PGOOD
Open-Drain Power-Good Output. PGOOD goes low when VFB is below the PGOOD threshold.
A5
VID0
VID0 Logic Input. Use VID0 and VID1 to select output voltage.
B3, C3, D3
IN
Input Power Supply. Input supply range is 2.7V to 5.5V. Bypass IN with a minimum 10FF ceramic
capacitor to PGND. See the Typical Application Circuit.
B4
I.C.
Internally Connected. Leave unconnected.
B5
FB
Feedback Input. Connect FB to the sense the output voltage.
C4
VID1
VID1 Logic Input. Use VID0 and VID1 to select output voltage.
C5
SS
Soft-Start and VID Transition Timing Control. Connect a capacitor from SS to PGND to set the
startup time and the output voltage transition timing. See the Output Voltage Transition Timing
section for details.
D2
INX
Internally Unconnected. INX is not internally connected to IN. However, do externally connect
INX to IN to increase the area of the power plane for optimal heat dissipation.
D4
EN
Enable Input. EN is a digital input that turns the regulator on and off. Drive EN high to turn on the
regulator. Connect to IN for always-on operation.
D5
COMP
Error Amplifier Output. Connect compensation network from COMP to signal ground (SGND).
See the Compensation Design Guidelines section.
WLP
BOTTOM VIEW
5
4
3
2
1
B
C
D
A
MAX15109
VID0
PGOOD
LX
LX
PGND
FB
I.C.
IN
LX
PGND
SS
VID1
IN
LX
PGND
COMP
EN
IN
INX
PGND


Similar Part No. - MAX15109

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15109 MAXIM-MAX15109 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator with VID Control
2013
MAX15109EWP++ MAXIM-MAX15109EWP+ Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator with VID Control
2013
MAX15109 MAXIM-MAX15109_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator with VID Control
2013
More results

Similar Description - MAX15109

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
MAX15109 MAXIM-MAX15109_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator with VID Control
2013
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
MAX15058 MAXIM-MAX15058 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 12/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com