Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15108 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX15108
Description  High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15108 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX15108 Datasheet HTML 2Page - Maxim Integrated Products MAX15108 Datasheet HTML 3Page - Maxim Integrated Products MAX15108 Datasheet HTML 4Page - Maxim Integrated Products MAX15108 Datasheet HTML 5Page - Maxim Integrated Products MAX15108 Datasheet HTML 6Page - Maxim Integrated Products MAX15108 Datasheet HTML 7Page - Maxim Integrated Products MAX15108 Datasheet HTML 8Page - Maxim Integrated Products MAX15108 Datasheet HTML 9Page - Maxim Integrated Products MAX15108 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
High-Efficiency, 8A, Current-Mode
Synchronous Step-Down Switching Regulator
6 ______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Typical Application Circuit, TA = +25NC, unless otherwise noted.)
INPUT SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0.4
0.8
1.2
1.6
2.0
0
5.1
4.7
3.9
4.3
3.5
3.1
2.7
5.5
OVERLOAD HICCUP MODE
MAX15108 toc14
IIN
2A/div
IOUT
10A/div
VOUT
1V/div
400µs/div
VOUT = 0V ONLY IN A SHORT
SHUTDOWN WAVEFORM (ILOAD = 8A)
MAX15108 toc10
VEN
2V/div
VOUT
VPGOOD
1V/div
VLX
5V/div
ILX
5A/div
10µs/div
INPUT CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
1
2
3
4
5
0
5.1
4.7
3.9
4.3
3.5
3.1
2.7
5.5
NO-LOAD, SKIP MODE
RMS INPUT CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5.1
4.7
3.9
4.3
3.5
3.1
2.7
5.5
SHORT-CIRCUIT ON OUTPUT
SOFT-START WAVEFORMS (ILOAD = 8A)
MAX15108 toc11
VEN
2V/div
VOUT
1V/div
VPGOOD
2V/div
VLX
2V/div
ILX
5A/div
1ms/div


Similar Part No. - MAX15108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15108 MAXIM-MAX15108 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15108AEWP++ MAXIM-MAX15108AEWP+ Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
MAX15108EWP++ MAXIM-MAX15108EWP+ Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
More results

Similar Description - MAX15108

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15109 MAXIM-MAX15109 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
MAX15109 MAXIM-MAX15109_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator with VID Control
2013
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 5/10
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
MAX15058 MAXIM-MAX15058 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 12/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com