Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15020 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15020
Description  2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15020 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15020_11 Datasheet HTML 5Page - Maxim Integrated Products MAX15020_11 Datasheet HTML 6Page - Maxim Integrated Products MAX15020_11 Datasheet HTML 7Page - Maxim Integrated Products MAX15020_11 Datasheet HTML 8Page - Maxim Integrated Products MAX15020_11 Datasheet HTML 9Page - Maxim Integrated Products MAX15020_11 Datasheet HTML 10Page - Maxim Integrated Products MAX15020_11 Datasheet HTML 11Page - Maxim Integrated Products MAX15020_11 Datasheet HTML 12Page - Maxim Integrated Products MAX15020_11 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
2A, 40V Step-Down DC-DC Converter with
Dynamic Output-Voltage Programming
_______________________________________________________________________________________
9
MAX15020
ON/OFF
ENABLE
SWITCHING
LDO
IN
REG
REFOUT
REFIN
SS
FB
COMP
SYNC
FSEL
EN
REF
REF
THERMAL
SHDN
OVERLOAD
MANAGEMENT
LOGIC
HIGH-SIDE
CURRENT
SENSE
REF
ICSS
REF
CLK
ILIM
REF_ILIM
IN
BST
LX
DVREG
PGND
SSA
OK
VPOK
REGOK
E/A
CPWM
GND
EN
IN
OSC
RAMP
CLK
Figure 1. Functional Diagram


Similar Part No. - MAX15020_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020ATP++ MAXIM-MAX15020ATP+ Datasheet
349Kb / 19P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 0; 4/07
MAX15020ATP++ MAXIM-MAX15020ATP+ Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020EVKIT MAXIM-MAX15020EVKIT Datasheet
417Kb / 7P
   Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
MAX15020EVKIT++ MAXIM-MAX15020EVKIT+ Datasheet
417Kb / 7P
   Space-Saving 5mm x 5mm, 20-pin TQFN Package
Rev 3; 5/15
MAX15020 MAXIM-MAX15020_V01 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
More results

Similar Description - MAX15020_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_V01 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020 MAXIM-MAX15020 Datasheet
349Kb / 19P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 0; 4/07
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
   2A Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
   2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
   2A 15V STEP-DOWN DC-DC CONVERTER
logo
Active-Semi, Inc
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
   2A synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com