Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15020ATP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15020ATP
Description  2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15020ATP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15020ATP Datasheet HTML 1Page - Maxim Integrated Products MAX15020ATP Datasheet HTML 2Page - Maxim Integrated Products MAX15020ATP Datasheet HTML 3Page - Maxim Integrated Products MAX15020ATP Datasheet HTML 4Page - Maxim Integrated Products MAX15020ATP Datasheet HTML 5Page - Maxim Integrated Products MAX15020ATP Datasheet HTML 6Page - Maxim Integrated Products MAX15020ATP Datasheet HTML 7Page - Maxim Integrated Products MAX15020ATP Datasheet HTML 8Page - Maxim Integrated Products MAX15020ATP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2A, 40V Step-Down DC-DC Converter with
Dynamic Output-Voltage Programming
_______________________________________________________________________________________
5
TURN-ON/TURN-OFF WAVEFORM
MAX15020 toc10
10ms/div
5V/div
0V
1V/div
0V
VOUT
VON/OFF
VIN = 40V, RLOAD = 27
Ω
REFOUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
110
85
60
35
10
-15
0.97
0.99
1.01
1.03
1.05
0.95
-40
135
EFFICIENCY vs. LOAD CURRENT
OUTPUT CURRENT (A)
1
0.1
10
20
30
40
50
60
70
80
90
100
0
0.01
10
VIN = 40V
VIN = 24V
fS = 500kHz
VOUT = 3.3V
VIN = 12V
VIN = 7.5V
EFFICIENCY vs. LOAD CURRENT
OUTPUT CURRENT (A)
1
0.1
10
20
30
40
50
60
70
80
90
100
0
0.01
10
fS = 500kHz
VIN = 40V
VOUT = 30V
TURN-ON/TURN-OFF WAVEFORM
MAX15020 toc09
10ms/div
5V/div
0V
1V/div
0V
VOUT
VON/OFF
VIN = 12V, RLOAD = 27
Ω
Typical Operating Characteristics (continued)
(VIN = 36V, Circuit of Figure 2, TA = +25°C, unless otherwise noted.)
LOAD TRANSIENT
MAX15020 toc14
200
μs/div
50mV/div
AC-COUPLED
2A
1A
IOUT
VOUT
VIN = 12V, VOUT = 3.3V
LOAD TRANSIENT
MAX15020 toc15
200
μs/div
50mV/div
AC-COUPLED
1.2A
0.2A
VOUT
IOUT
VIN = 12V, VOUT = 3.3V


Similar Part No. - MAX15020ATP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020ATP++ MAXIM-MAX15020ATP+ Datasheet
349Kb / 19P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 0; 4/07
MAX15020ATP++ MAXIM-MAX15020ATP+ Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
More results

Similar Description - MAX15020ATP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_V01 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020 MAXIM-MAX15020 Datasheet
349Kb / 19P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 0; 4/07
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
   2A Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
   2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
   2A 15V STEP-DOWN DC-DC CONVERTER
logo
Active-Semi, Inc
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
   2A synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com