Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14979E Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX14979E
Description  High-Bandwidth, ±15kV ESD Protection LVDS Switch -3dB Bandwidth: 650MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14979E Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX14979E_11 Datasheet HTML 2Page - Maxim Integrated Products MAX14979E_11 Datasheet HTML 3Page - Maxim Integrated Products MAX14979E_11 Datasheet HTML 4Page - Maxim Integrated Products MAX14979E_11 Datasheet HTML 5Page - Maxim Integrated Products MAX14979E_11 Datasheet HTML 6Page - Maxim Integrated Products MAX14979E_11 Datasheet HTML 7Page - Maxim Integrated Products MAX14979E_11 Datasheet HTML 8Page - Maxim Integrated Products MAX14979E_11 Datasheet HTML 9Page - Maxim Integrated Products MAX14979E_11 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
High-Bandwidth, ±15kV ESD Protection
LVDS Switch
9
Typical Operating Circuit
MAX14979E
COM0+
COM0-
COM1+
COM1-
COM2+
COM2-
SEL
CONTROL
NO0+
NO0-
NO1+
NO1-
NO2+
NO2-
NO3+
NO3-
COM3+
COM3-
NC0+
NC0-
NC1+
NC1-
NC2+
NC2-
NC3+
NC3-
LVDS_+
LVDS_-
CLOCK_-
CLOCK_+
LVDS_-
LVDS_+
LVDS_-
LVDS_+
LVDS_+
LVDS_-
CLOCK_-
CLOCK_+
LVDS_-
LVDS_+
LVDS_-
LVDS_+
INTERNAL
GRAPHICS
LVDS
LCD
PANEL
MAX14979E
COM0+
COM0-
COM1+
COM1-
COM2+
COM2-
SEL
CONTROL
NO0+
NO0-
NO1+
NO1-
NO2+
NO2-
NO3+
NO3-
COM3+
COM3-
NC0+
NC0-
NC1+
NC1-
NC2+
NC2-
NC3+
NC3-
LVDS_+
LVDS_-
CLOCK_-
CLOCK_+
LVDS_-
LVDS_+
LVDS_-
LVDS_+
LVDS_+
LVDS_-
CLOCK_-
CLOCK_+
LVDS_-
LVDS_+
LVDS_-
LVDS_+
SVDO TO LVDS
NOTE: THE MAX14979E HAS THREE SPDT AUXILLIARY SWITCHES (AUX) THAT CAN BE USED FOR OTHER SWITCHING SUCH AS LEDs AND I2C. THESE ARE NOT SHOWN IN THE DIAGRAM.


Similar Part No. - MAX14979E_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14979EETX++ MAXIM-MAX14979EETX+ Datasheet
1Mb / 10P
   High-Bandwidth,짹15kV ESD Protection LVDS Switch
Rev 0; 4/10
More results

Similar Description - MAX14979E_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14979E MAXIM-MAX14979E Datasheet
1Mb / 10P
   High-Bandwidth,짹15kV ESD Protection LVDS Switch
Rev 0; 4/10
MAX4885AE MAXIM-MAX4885AE Datasheet
1Mb / 10P
   High-Bandwidth, VGA 2:1 Switch with ±15kV ESD Protection
Rev 0; 10/09
logo
Will Semiconductor Ltd.
WAS4735Q WILLSEMI-WAS4735Q Datasheet
446Kb / 7P
   4:1 High speed (-3dB bandwidth 1.2GHz) Switch
logo
STMicroelectronics
HDMIULC6-2X6 STMICROELECTRONICS-HDMIULC6-2X6 Datasheet
751Kb / 17P
   Ultra large bandwidth ESD protection
HDMIULC6-4SC6Y STMICROELECTRONICS-HDMIULC6-4SC6Y Datasheet
209Kb / 12P
   Automotive ultralarge bandwidth ESD protection
September 2012 Rev 2
USBULC6-2M6 STMICROELECTRONICS-USBULC6-2M6 Datasheet
344Kb / 10P
   Ultra large bandwidth ESD protection
HDMIULC6-4SC6 STMICROELECTRONICS-HDMIULC6-4SC6 Datasheet
300Kb / 11P
   Ultra large bandwidth ESD protection
USBULC6-2P6 STMICROELECTRONICS-USBULC6-2P6 Datasheet
217Kb / 8P
   Ultra large bandwidth ESD protection
ESDAULC6-8F3 STMICROELECTRONICS-ESDAULC6-8F3 Datasheet
238Kb / 8P
   8-line ultralarge bandwidth ESD protection
October 2010 Rev 2
logo
SIPAT Co,Ltd
SP65001 SIPAT-SP65001 Datasheet
157Kb / 4P
   650MHz Low-loss SAW Filter 43MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com