Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14978 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14978
Description  SuperSpeed USB Passive Switch (Low/Full/Hi/SuperSpeed)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14978 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14978 Datasheet HTML 3Page - Maxim Integrated Products MAX14978 Datasheet HTML 4Page - Maxim Integrated Products MAX14978 Datasheet HTML 5Page - Maxim Integrated Products MAX14978 Datasheet HTML 6Page - Maxim Integrated Products MAX14978 Datasheet HTML 7Page - Maxim Integrated Products MAX14978 Datasheet HTML 8Page - Maxim Integrated Products MAX14978 Datasheet HTML 9Page - Maxim Integrated Products MAX14978 Datasheet HTML 10Page - Maxim Integrated Products MAX14978 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SuperSpeed USB Passive Switch
(Low/Full/Hi/SuperSpeed)
7
Test Circuits/Timing Diagrams (continued)
Figure 3. Propagation Delay, Output Skew
IN+
IN-
OUT+
OUT-
VIN+
VIN-
VOUT+
VOUT-
NO_+ OR
NC_+
NO_- OR
NC_-
SEL_
COM_+
COM_-
0V
+1.5V
0V
+1.5V
0V
+1.5V
0V
+1.5V
tPLHX
tPHLX
tINRISE
tOUTRISE
tOUTFALL
RISE-TIME PROPAGATION DELAY = tPLHX OR tPLHY
FALL-TIME PROPAGATION DELAY = tPHLX OR tPHLY
tSK1 = DIFFERENCE IN PROPAGATION DELAY (RISE-FALL)
50%
50%
50%
50%
90%
10%
10%
90%
10%
10%
RL
RL
50%
50%
50%
50%
tINFALL
90%
90%
tPHLY
tPLHY
RS
RS
BETWEEN TWO LINES ON THE SAME PAIR
BETWEEN ANY TWO PAIRS
tSK2 = | tPLHX - tPHLY | OR | tPHLX - tPLHY |
MAX14978
VCC
VCC
VDD
VDD
0.1µF
0.1µF


Similar Part No. - MAX14978

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
MAX14970 MAXIM-MAX14970 Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970 MAXIM-MAX14970 Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970ETP++ MAXIM-MAX14970ETP+ Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970EVKIT MAXIM-MAX14970EVKIT Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
More results

Similar Description - MAX14978

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
USB-T0S3 TELEDYNE-USB-T0S3 Datasheet
641Kb / 2P
   SuperSpeed USB Analyzer
logo
A-Data Technology
HV100 A-DATA-HV100 Datasheet
266Kb / 1P
   SuperSpeed USB 3.0
logo
NXP Semiconductors
PTN36043B NXP-PTN36043B Datasheet
375Kb / 26P
   USB Type-C SuperSpeed active switch
Rev. 1.0 - 1 December 2023
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
logo
NXP Semiconductors
PTN36043A NXP-PTN36043A Datasheet
854Kb / 29P
   USB Type-C SuperSpeed active switch
Rev. 1-19 February 2018
logo
ON Semiconductor
FUSB340 ONSEMI-FUSB340 Datasheet
419Kb / 8P
   USB 3.1 SuperSpeed 10 Gbps Switch
September 2017 Rev. 2
logo
NXP Semiconductors
PTN36241G NXP-PTN36241G Datasheet
980Kb / 31P
   SuperSpeed USB 3.0 redriver
Rev. 1-9 August2016
PTN36241B NXP-PTN36241B Datasheet
591Kb / 31P
   SuperSpeed USB 3.0 redriver
Rev. 4-22 May2014
logo
Cypress Semiconductor
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
   EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com