Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39881B7923P810 Datasheet(PDF) 7 Page - EPCOS

Part # B39881B7923P810
Description  SAW Duplexer Cellular / WCDMA Band V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39881B7923P810 Datasheet(HTML) 7 Page - EPCOS

Back Button B39881B7923P810 Datasheet HTML 3Page - EPCOS B39881B7923P810 Datasheet HTML 4Page - EPCOS B39881B7923P810 Datasheet HTML 5Page - EPCOS B39881B7923P810 Datasheet HTML 6Page - EPCOS B39881B7923P810 Datasheet HTML 7Page - EPCOS B39881B7923P810 Datasheet HTML 8Page - EPCOS B39881B7923P810 Datasheet HTML 9Page - EPCOS B39881B7923P810 Datasheet HTML 10Page - EPCOS B39881B7923P810 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
January 26, 2011
B7923
836.50 / 881.50 MHz
SAW Components
SAW Duplexer
Data Sheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=
50
Ω ll 11 nH3)
RX terminating impedance:
ZRX = 100 Ω + 2 nH (balanced) 3)
TX terminating impedance:
ZTX =
50
Characteristics TX - RX
min.
typ.
@ 25 ˚C
max.
Isolation
824.0
...
849.0
MHz
55
63
dB
@fCarrier 826.4 ...
846.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (8).
552)
2) Temperature range for this parameter is -20oC to +85oC.
65
dB
869.0
...
894.0
MHz
50
59
dB
@fCarrier 871.4 ...
891.6
MHz
α
WCDMA
1)
50
60
dB
1574.0
... 1577.0
MHz
40
67
dB
1638.0
... 1708.0
MHz
20
66
dB
2462.0
... 2557.0
MHz
20
61
dB
Common Mode Isolation
824.0
...
849.0
MHz
55
65
dB
@fCarrier 826.4 ...
846.6
MHz
α
WCDMA
1)
552)
65
a3)
3) Please refer to recommended matching circuit on page (9).
dB


Similar Part No. - B39881B7923P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39881B7925P810 TDK-B39881B7925P810 Datasheet
191Kb / 11P
   SAW Duplexer for femtocell
More results

Similar Description - B39881B7923P810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B8553 EPCOS-B8553 Datasheet
226Kb / 16P
   SAW Duplexer Cellular / WCDMA Band V
B7670 EPCOS-B7670 Datasheet
182Kb / 13P
   SAW Duplexer Cellular / WCDMA band V
B7669 EPCOS-B7669 Datasheet
182Kb / 13P
   SAW Duplexer Cellular / WCDMA band V
B7671 EPCOS-B7671 Datasheet
111Kb / 13P
   SAW Duplexer Cellular / WCDMA band V
B9438 EPCOS-B9438 Datasheet
96Kb / 9P
   SAW TX Filter Cellular / WCDMA Band V
B7953 EPCOS-B7953 Datasheet
117Kb / 10P
   SAW duplexer WCDMA band VIII
B7675 EPCOS-B7675 Datasheet
193Kb / 11P
   SAW duplexer WCDMA Band VIII
B7676 EPCOS-B7676 Datasheet
189Kb / 14P
   SAW Duplexer WCDMA/LTE Band IX
B7680 EPCOS-B7680 Datasheet
163Kb / 12P
   SAW Duplexer WCDMA Band IV (AWS)
B9456 EPCOS-B9456 Datasheet
101Kb / 8P
   SAW RX filter GSM850 / WCDMA band V / Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com