Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0380UDF8 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PF0380UDF8
Description  EMI Filtering TVS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PF0380UDF8 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PF0380UDF8 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2007. 1. 8
1/1
SEMICONDUCTOR
TECHNICAL DATA
PF0380UDF8
EMI Filtering TVS
Revision No : 0
EMI Filtering TVS For Wireless Headsets.
FEATURES
EMI/RFI filtering.
ESD Protection to IEC 61000-4-2 Level 4.
Low insertion loss.
Good attenuation of high frequency signals.
Low clamping voltage.
Low operating and leakage current.
MAXIMUM RATING (Ta=25
)
1,8 : Filter channel 1
2,7 : Filter channel 2
3,6 : Filter channel 3
4,5 : Filter channel 4
UDFN-8
MILLIMETERS
C
H
G
K
L
J
A
D
E
F
A
B
DIM
1.80
1.20
0.40
0.125
0.03+0.02/-0.03
0.20 Min
0.50
0.05
+
_
1.00
0.10
+
_
0.30
0.10
+
_
0.20
0.05
+
_
0.25
0.05
+
_
TOP VIEW
SIDE VIEW
BOTTEM VIEW
Pin 1
C
D
E
1
4
8
5
L
K
GND PAD
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
*PD
400
mW
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55
150
80pF
80pF
2.9nH
FILTERn*
FILTERn*
GND
EQUIVALENT CIRCUIT
TENTATIVE
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
-
12
V
Reverse Breakdown Voltage
VBR
It=1mA
13.7
-
17.7
V
Reverse Leakage Current
IR
VRWM=12V
-
-
0.1
A
Inductance
L
Between Input and Output
-
2.9
-
nH
Capacitance
C0V
VR=0V, Between I/O Pins and GND
-
250
-
pF
C2.5V
VR=2.5V, Between I/O Pins and GND
-
160
-
Series Resistance
RS
Between I/O Pins and GND
-
0.28
-
* Total Package Power Dissipation
Type Name
Lot No.
T5
MARKING


Similar Part No. - PF0380UDF8

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0382 PULSE-PF0382 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PF0382.103NL PULSE-PF0382.103NL Datasheet
302Kb / 2P
   SMT Power Inductors Unshielded Drum Core - PF0382NL Series
PF0382.104NL PULSE-PF0382.104NL Datasheet
302Kb / 2P
   SMT Power Inductors Unshielded Drum Core - PF0382NL Series
PF0382.105NL PULSE-PF0382.105NL Datasheet
302Kb / 2P
   SMT Power Inductors Unshielded Drum Core - PF0382NL Series
PF0382.153NL PULSE-PF0382.153NL Datasheet
302Kb / 2P
   SMT Power Inductors Unshielded Drum Core - PF0382NL Series
More results

Similar Description - PF0380UDF8

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PF0633UDF8 KEC-PF0633UDF8 Datasheet
436Kb / 1P
   EMI Filtering TVS
PF0224US6 KEC-PF0224US6 Datasheet
50Kb / 2P
   EMI Filtering TVS
PF0165UDF8 KEC-PF0165UDF8 Datasheet
436Kb / 1P
   EMI Filtering TVS
PF0247TE6 KEC-PF0247TE6 Datasheet
436Kb / 1P
   EMI Filtering TVS
PF0314US6 KEC-PF0314US6 Datasheet
39Kb / 2P
   EMI Filtering TVS
PF0347TE6 KEC-PF0347TE6 Datasheet
435Kb / 1P
   EMI Filtering TVS
PF1007UDF12 KEC-PF1007UDF12 Datasheet
34Kb / 2P
   EMI Filtering TVS For Data Line
PF1007UDF8 KEC-PF1007UDF8 Datasheet
34Kb / 2P
   EMI Filtering TVS For Data Line
PF0224TE6 KEC-PF0224TE6 Datasheet
432Kb / 1P
   EMI Filtering TVS For USB Port
PF0314TE6 KEC-PF0314TE6 Datasheet
432Kb / 1P
   EMI Filtering TVS For USB Port
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com