Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG05DXTET Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PG05DXTET
Description  TVS Diode for ESD Protection in Portable Electronics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PG05DXTET Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PG05DXTET Datasheet HTML 1Page - KEC(Korea Electronics) PG05DXTET Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 9. 10
1/2
SEMICONDUCTOR
TECHNICAL DATA
PG05DXTET
TVS Diode for ESD
Protection in Portable Electronics
Revision No : 3
Protection in Portable Electronics Applications.
FEATURES
30 Watts peak pulse power (tp=8/20 s)
Transient protection for data lines to
IEC 61000-4-2(ESD) 15kV(Air), 8kV(Contact)
Small package for use in portable electronics.
Suitable replacement for Multi-Layer Varistors in ESD protection applications.
Protects one I/O or power line.
Low clamping voltage.
Low leakage current.
APPLICATIONS
Cell phone handsets and accessories.
Microprocessor based equipment.
Personal digital assistants (PDA’s)
Notebooks, desktops, & servers.
Portable instrumentation.
Pagers peripherals.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
A
A1
B1
C
TESV
1.6 0.05
1.0 0.05
1.6 0.05
1.2 0.05
0.50
0.2 0.05
0.5 0.05
0.12 0.05
B
D
H
J
B1
B
1
2
3
5
4
P
P
P5
+
_
+
_
+
_
+
_
+
_
+
_
+
_
1. NC
2. COMMON ANODE
3. (TVS) D1 CATHODE
4. (TVS) D2 CATHODE
5. (TVS) D3 CATHODE
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Pulse Power (tp=8/20 s)
PPK
30
W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
-
5
V
Reverse Breakdown Voltage
VBR
It=1mA
6.47
-
7.14
V
Reverse Leakage Current
IR
VRWM=4.3V
-
-
1
A
Junction Capacitance
CJ
VR=0V, f=1MHz
-
12
15
pF
Marking
12
3
4
5
D2
D3
D1
TF
Type Name
Lot No.


Similar Part No. - PG05DXTET

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05DXTET KEC-PG05DXTET Datasheet
438Kb / 2P
   Protection in Portable Electronics Applications.
PG05DXTET KEC-PG05DXTET_15 Datasheet
352Kb / 2P
   Protection in Portable Electronics
More results

Similar Description - PG05DXTET

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05DBVSC KEC-PG05DBVSC Datasheet
31Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05BAUSM KEC-PG05BAUSM_08 Datasheet
90Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBTFC KEC-PG03DBTFC_07 Datasheet
437Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05DBEL2 KEC-PG05DBEL2 Datasheet
465Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05DBTFC KEC-PG05DBTFC Datasheet
31Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05FBESC KEC-PG05FBESC Datasheet
394Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG05TAVSM KEC-PG05TAVSM Datasheet
55Kb / 3P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC_07 Datasheet
437Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBTFC KEC-PG03DBTFC Datasheet
383Kb / 1P
   TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC Datasheet
21Kb / 1P
   TVS Diode for ESD Protection in Portable Electronics
PG05DBVSC KEC-PG05DBVSC_07 Datasheet
510Kb / 2P
   TVS Diode for ESD Protection in Portable Electronics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com