Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG05MSSMA Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PG05MSSMA
Description  Single Line TVS Diode for ESD Protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PG05MSSMA Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PG05MSSMA Datasheet HTML 1Page - KEC(Korea Electronics) PG05MSSMA Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 1. 30
1/2
Single Line TVS Diode for ESD Protection
Revision No : 0
Protection of Voltage Sensitive Components.
FEATURES
・400 Watts peak pulse power.(tp=10/1000㎲)
・Low profile package.
・Transient protection for data line to
APPLICATIONS
・Communication Systems.
・Automotive.
・Power Supplies.
・Notebooks, Desktops & Servers.
MAXIMUM RATING (Ta=25℃)
SMA
DIM
MILLIMETERS
A
B
C
D
E
F
G
4.5 0.2
2.6 0.2
1.5 0.2
5.0 0.3
1.2 0.3
2.0 0.2
0 ~ 0.15
HR 0.5
B
C
H
1
2
G
+
_
+
_
+
_
+
_
+
_
+
_
1. ANODE
2. CATHODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Pulse Power * (tP=10/1000㎲)
PPK
400
W
Peak Pulse Current (tP=10/1000㎲)
IPP
43.5
A
Operating Temperature
Tj
-55~150
Storage Temperature
Tstg
-55~150
* Notes) : (1) Derated above Ta=25℃ per power derating curve.
(2) Mounted on 0.31×0.31”(8.0×8.0㎜) copper pads to each terminal.
PG05MSSMA
SEMICONDUCTOR
TECHNICAL DATA
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Type Name
Marking
T05
Lot No.
21
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
-
5
V
Reverse Breakdown Voltage
VBR
It=10mA
6.4
6.7
7.0
V
Reverse Leakage Current
IR
VRWM=5V
-
-
400
μA
Clamping Voltage
VC
IPP=43.5A, tp=10/1000μs
-
-
9.2
V


Similar Part No. - PG05MSSMA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05MSSMA KEC-PG05MSSMA_15 Datasheet
484Kb / 2P
   Single Line TVS Diode for ESD Protection
More results

Similar Description - PG05MSSMA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG24NSSMB KEC-PG24NSSMB Datasheet
508Kb / 2P
   Single Line TVS Diode for ESD Protection
PG12NSSMB KEC-PG12NSSMB Datasheet
438Kb / 2P
   Single Line TVS Diode for ESD Protection
PG05NSSMC KEC-PG05NSSMC Datasheet
438Kb / 2P
   Single Line TVS Diode for ESD Protection
PG22KSSMA KEC-PG22KSSMA_15 Datasheet
394Kb / 2P
   Single Line TVS Diode for ESD Protection
PG05MSSMA KEC-PG05MSSMA_15 Datasheet
484Kb / 2P
   Single Line TVS Diode for ESD Protection
PG24JSSMA KEC-PG24JSSMA Datasheet
350Kb / 2P
   Single Line TVS Diode for ESD Protection
PG24NSSMC KEC-PG24NSSMC Datasheet
506Kb / 2P
   Single Line TVS Diode for ESD Protection
PG22KSSMA KEC-PG22KSSMA Datasheet
394Kb / 2P
   Single Line TVS Diode for ESD Protection
PG24JSSMA KEC-PG24JSSMA Datasheet
395Kb / 2P
   Single Line TVS Diode for ESD Protection
PG24NSSMB KEC-PG24NSSMB Datasheet
438Kb / 2P
   Single Line TVS Diode for ESD Protection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com