Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C106M4R1CTU Datasheet(PDF) 5 Page - Kemet Corporation

Part # C1210C106M4R1CTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C106M4R1CTU Datasheet(HTML) 5 Page - Kemet Corporation

  C1210C106M4R1CTU Datasheet HTML 1Page - Kemet Corporation C1210C106M4R1CTU Datasheet HTML 2Page - Kemet Corporation C1210C106M4R1CTU Datasheet HTML 3Page - Kemet Corporation C1210C106M4R1CTU Datasheet HTML 4Page - Kemet Corporation C1210C106M4R1CTU Datasheet HTML 5Page - Kemet Corporation C1210C106M4R1CTU Datasheet HTML 6Page - Kemet Corporation C1210C106M4R1CTU Datasheet HTML 7Page - Kemet Corporation C1210C106M4R1CTU Datasheet HTML 8Page - Kemet Corporation C1210C106M4R1CTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1020-4 • 6/22/2010
55
Surface Mount Multilayer Ceramic Chip Capacitors –KPS Series – Commercial Grade (X7R Dielectric)
0
20
40
60
80
100
120
0
10
20
30
Ripple Current (Arms)
KEMET KPS, 2220, 22µF, 50V rated (2 Chip Stack)
Competitor 2220, 22µF, 50V rated (2 Chip Stack)
0
10
20
30
40
50
60
0
5
10
15
Vp-p
Competitor
KEMET - KPS
0
10
20
30
40
50
0
2
4
6
Vp-p
Standard SMD MLCC
KPS - 2 Chip Stack
0
10
20
30
40
50
0
5
10
15
20
Vp-p
Standard SMD MLCC
KPS - 2 Chip Stack
0
10
20
30
40
50
0
2
4
6
Vp-p
Standard SMD MLCC
KPS - 2 Chip Stack
0
10
20
30
40
50
60
0
5
10
15
Vp-p
Standard SMD MLCC
KPS - 1 Chip Stack
Electrical Characteristics con't
Competitive Comparision
Ripple Current (Arms) 2220, 22µF, 50V
Microphonics - 1210, 4.7µF, 50V, X7R
Microphonics - 1210, 22µF, 25V, X7R
Microphonics - 2220, 47µF, 25V, X7R
Microphonics - 2220, 22µF, 50V, X7R
Microphonics - 1210, 4.7µF, 50V, X7R
Note: Refer to Table 4 for test method.


Similar Part No. - C1210C106M4R1CTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C106M4R1C7168 KEMET-C1210C106M4R1C7168 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results

Similar Description - C1210C106M4R1CTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com