Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRPG-600-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HRPG-600-12
Description  600W Single Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HRPG-600-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HRPG-600-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HRPG-600-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HRPG-600-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HRPG-600-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage / Over temperature
DC OK signal
emote ON-OFF control
Standby 5V@0.3A
No load power consumption<0.75W (Note.7)
Current sharing up to 2400W (3+1) (24V,36V,48V)
5 years warranty
High efficiency up to 89%
Withstand 300VAC surge input for 5 seconds
Built-in cooling fan ON-OFF control
Built-in
Built-in r
Built-in remote sense function
SPECIFICATION
HRPG-600-3.3 HRPG-600-5
HRPG-600-7.5 HRPG-600-12 HRPG-600-15 HRPG-600-24 HRPG-600-36 HRPG-600-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
HARMONICCURRENT
EMICONDUCTION&RADIATION
SAFETY &
FUNCTION
EMSIMMUNITY
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
DCOKSIGNAL
REMOTECONTROL
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
PROTECTION
ACCURRENT (Typ.)
3.3V
5V
7.5V
12V
15V
24V
36V
48V
120A
120A
80A
53A
43A
27A
17.5A
13A
0~120A
0~120A
0~80A
0~53A
0~43A
0~27A
0~17.5A
0~13A
396W
600W
600W
636W
645W
648W
630W
624W
100mVp-p
100mVp-p
100mVp-p
120mVp-p
150mVp-p
150mVp-p
200mVp-p
240mVp-p
2.8~3.8V
4.3~5.8V
6.8~9V
10.2~13.8V
13.5~18V
21.6~28.8V
28.8~39.6V
40.8~55.2V
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
0.2%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
1000ms,50ms/230VAC2500ms,50ms/115VACatfullload
16ms/230VAC16ms/115VACatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.94/230VACPF>0.99/115VACatfullload
78.5%
82%
6~7V
9.4~10.9V
14.4~16.8V
18.8~21.8V
30~34.8V
41.4~48.6V
57.6~67.2V
86%
88%
88%
88%
89%
89%
8.5A/115VAC5A/230VAC
35A/115VAC70A/230VAC
<1.2mA /240VAC
105~135%ratedoutputpower
3.96~4.62V
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
80
5
(TSW1)detectonheatsinkofpowertransistor
90
5
(TSW2)
for3.3V,5V,7.5V;100
5
(TSW2)
power
forothers
detectonheatsinkofpowerdoide
detectonmain
outputchoke
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-2, heavyindustrylevel,criteria A
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
-40~+70
(Refertooutputloadderatingcurve)
RC+/RC-:4~10Voropen=poweron;0~0.8Vorshort=poweroff
PSUturnon:3.3~5.6V;PSUturnoff:0~1V
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G10min./1cycle,60min.eachalongX, Y,Zaxes
147.7Khrsmin.MIL-HDBK-217F(25
)
218*105*63.5mm(L*W*H)
FileName:HRPG-600-SPEC2010-11-29
Features :
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. No load power consumption<0.75W when RC+ & RC- (CN100 pin3,4) 0 ~ 8V or short.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
H R P G - 6 0 0 series
600WSingleOutputwithPFCFunction
1.58Kg;8pcs/13.6Kg/1.34CUFT
5VSTANDBY
5VSB:5V@0.3A ;tolerance
5%,ripple:50mVp-p(max.)
FANCONTROL (Typ.)
Load35 15%orRTH2
50
Fanon


Similar Part No. - HRPG-600-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRPG-600-12 MEANWELL-HRPG-600-12 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
More results

Similar Description - HRPG-600-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRP-600 MEANWELL-HRP-600_11 Datasheet
293Kb / 2P
   600W Single Output with PFC Function
HRP-600 MEANWELL-HRP-600 Datasheet
97Kb / 2P
   600W Single Output with PFC Function
HRP-600N MEANWELL-HRP-600N Datasheet
703Kb / 5P
   600W Single Output with PFC Function
SPV-600 MEANWELL-SPV-600 Datasheet
93Kb / 3P
   600W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600_11 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
SCN-600 MEANWELL-SCN-600 Datasheet
345Kb / 3P
   600W Single Output With Parallel Function
PSP-600 MEANWELL-PSP-600_11 Datasheet
396Kb / 3P
   600W with PFC and Parallel Function
PSP-600 MEANWELL-PSP-600 Datasheet
392Kb / 3P
   600W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP600 ASTRODYNE-PSP600 Datasheet
936Kb / 5P
   600W with PFC and Parallel Function
logo
Total Power Internation...
PSP-600 TOTAL-POWER-PSP-600 Datasheet
504Kb / 3P
   600W with PFC and Parallel Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com