Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRPG-600-15 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # HRPG-600-15
Description  600W Single Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HRPG-600-15 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  HRPG-600-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HRPG-600-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HRPG-600-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HRPG-600-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
10
9
2
1
1
9
10
CN100
2
600WSingleOutputwithPFCFunction
FileName:HRPG-600-SPEC2010-11-29
H R P G - 6 0 0 series
BetweenRC+(pin3)andRC-(pin4)
SWON(Short)
SWOFF(Open)
OutputStatus
OFF
ON
ThePSUcanbeturnedON/OFFbyusingthe
"RemoteControl"function.
SW
CN100
AUX
RC-
GND
GND
-S
AUXG
RC+
CS
DC-OK
+S
3.RemoteControl
Fig3.1
PSU2
PSU1
PSU3
PSU4
Fig4.1
LOAD
Senselinesshould
betwistedinpairs
+V
-V
-V
-V
-V
-V
CN100
CN100
CN100
CN100
+V
+V
+V
+V
10
10
10
10
9
9
9
9
AUX
AUX
AUX
AUX
RC-
RC-
RC-
RC-
GND
GND
GND
GND
GND
GND
GND
GND
-S
-S
-S
-S
AUXG
AUXG
AUXG
AUXG
RC+
RC+
RC+
RC+
CS
CS
CS
CS
DC-OK
DC-OK
DC-OK
DC-OK
+S
+S
+S
+S
2
2
2
2
CN100
CN100
PSU2
PSU1
PSU3
PSU4
CN100
CN100
1
1
1
1
Note:1.Inparallelconnection,maybeonlyoneunit(master)operateifthetotaloutputloadislessthan2%ofratedloadcondition.
TheotherPSU(slave)maygointostandbymodeanditsoutputLEDandrelaywillnotturnon.
2.2%min.ofdummyloadisrequired.
4.CurrentSharingwithRemoteSensing(Onlyfor24V,36Vand48V)
HRPG-600hasthebuilt-inactivecurrentsharingfunctionandcanbeconnectedinparalleltoprovidehigheroutputpower:
(1)Paralleloperationisavailablebyconnectingtheunitsshownasbelow.
(2)Differenceofoutputvoltagesamongparallelunitsshouldbelessthan2%.
(3)Thetotaloutputcurrentmustnotexceedthevaluedeterminedbythefollowingequation.
(4)Inparalleloperation2unitsisthemaximum,pleaseconsultthemanufacturerforapplicationsofmoreconnectinginparallel.
(5)Thepowersuppliesshouldbeparalleledusingshortandlargediameterwiringandthenconnectedtotheload.
(+S,-S,CSandGNDareconnectedmutuallyinparallel).
(outputcurrentatparalleloperation)=(Ratedcurrentperunit) (Numberofunit) 0.9


Similar Part No. - HRPG-600-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRPG-600-15 MEANWELL-HRPG-600-15 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
More results

Similar Description - HRPG-600-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRP-600 MEANWELL-HRP-600_11 Datasheet
293Kb / 2P
   600W Single Output with PFC Function
HRP-600 MEANWELL-HRP-600 Datasheet
97Kb / 2P
   600W Single Output with PFC Function
HRP-600N MEANWELL-HRP-600N Datasheet
703Kb / 5P
   600W Single Output with PFC Function
SPV-600 MEANWELL-SPV-600 Datasheet
93Kb / 3P
   600W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600_11 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
SCN-600 MEANWELL-SCN-600 Datasheet
345Kb / 3P
   600W Single Output With Parallel Function
PSP-600 MEANWELL-PSP-600_11 Datasheet
396Kb / 3P
   600W with PFC and Parallel Function
PSP-600 MEANWELL-PSP-600 Datasheet
392Kb / 3P
   600W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP600 ASTRODYNE-PSP600 Datasheet
936Kb / 5P
   600W with PFC and Parallel Function
logo
Total Power Internation...
PSP-600 TOTAL-POWER-PSP-600 Datasheet
504Kb / 3P
   600W with PFC and Parallel Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com