Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP-300-36 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # HRP-300-36
Description  300W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HRP-300-36 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  HRP-300-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HRP-300-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENTTEMPERATURE(
)
-40
0
10
20
30
40
50
60
70
(HORIZONTAL)
MechanicalSpecification
CaseNo.980A
Unit:mm
300WSingleOutputwithPFCFunction
FileName:HRP-300-SPEC2010-11-29
DeratingCurve
OutputDeratingVSInputVoltage
INPUTVOLTAGE(V)60Hz
Ta=25
85
100
125
135
155
264
100
90
80
70
60
50
40
BlockDiagram
fosc:70KHz
O.L.P.
O.T.P.
EMI
INRUSH
ACTIVE
FILTER
CURRENT
LIMITING
RECTIFIERS
&
PFC
I/P
FG
PWM
PFC
CIRCUIT
DETECTION
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
+S
CONTROL
CONTROL
O.V.P.
-V
-S
DCOK
H R P - 3 0 0 series
20
40
50
60
80
100
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
4,5
3
6,7
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
HRSDF11-08DP-2DSorequivalent
ConnectorPinNo.
(CN100):
Assignment
PinNo.
7
8
5
3
1,2,4,6
Assignment
NC
MatingHousing
HRSDF11-8DS
orequivalent
Terminal
HRSDF11-**SC
orequivalent
+S
-S
DC-OK
GND
CN100
Airflow
direction
17max.
167.5
168.5
199
4-M4L=5
FAN
120
LED
SVR
12.25
168.5
12.25
12.25
4-M4L=6
12.25
167.5
4-M4L=6
42.5
1
2
3
4
5
6
7


Similar Part No. - HRP-300-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HRP-300-36 MEANWELL-HRP-300-36 Datasheet
272Kb / 2P
   300W Single Output with PFC Function
HRP-300-36 MEANWELL-HRP-300-36 Datasheet
265Kb / 2P
   300W Single Output with PFC Function
logo
Total Power Internation...
HRP-300-36 TOTAL-POWER-HRP-300-36 Datasheet
255Kb / 2P
   300W Single Output with PFC Function
More results

Similar Description - HRP-300-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPV-300 MEANWELL-SPV-300_10 Datasheet
179Kb / 3P
   300W Single Output with PFC Function
EPP-300 MEANWELL-EPP-300 Datasheet
1Mb / 2P
   300W Single Output with PFC Function
HRP-300N MEANWELL-HRP-300N Datasheet
161Kb / 5P
   300W Single Output with PFC Function
HRP-300-3.3 MEANWELL-HRP-300-3.3 Datasheet
272Kb / 2P
   300W Single Output with PFC Function
SPV-300 MEANWELL-SPV-300_11 Datasheet
178Kb / 3P
   300W Single Output with PFC Function
HSP-300 MEANWELL-HSP-300 Datasheet
156Kb / 3P
   300W Single Output with PFC Function
HRP-300 MEANWELL-HRP-300_11 Datasheet
265Kb / 2P
   300W Single Output with PFC Function
SPV-300-12 MEANWELL-SPV-300-12 Datasheet
181Kb / 3P
   300W Single Output with PFC Function
HRPG-300 MEANWELL-HRPG-300 Datasheet
567Kb / 4P
   300W Single Output with PFC Function
logo
Total Power Internation...
HRPG-300 TOTAL-POWER-HRPG-300 Datasheet
295Kb / 4P
   300W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com