Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDV-185-350B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LDV-185-350B
Description  185W Multiple Channel Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDV-185-350B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LDV-185-350B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDV-185-350B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDV-185-350B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:LVD-185-SPEC 2011-03-18
CaseNo.Unit:mm
L D V- 1 8 5 series
222.2
198.2
12
9.6
4.2 4PL
185WMultipleChannelOutputSwitchingPowerSupply
300 20
AC/L(Brown)
AC/N(Blue)
18AWG(0.75mm ) 3C
2
FG(Green/Yellow)
150 20
22AWG 12C
150 20
22AWG 13C
1
5
6
9
10
11
12
WireColor
WATERPROOFCONNECTION
PinConfiguration(male)
PinDefinition
AC
source
LDV-185
I/P
Pindefinition
1
6
9
10
11
12
LED-for
eachchannel
-V
PinConfiguration(female)
Pin
12Pin
15Pin
15
NC
13~14
LED-for
eachchannel
7~12
LED+
1~6
WireStock
24AWG*15C
22AWG*12C
300 20
O/P Connection
LED-
LED+
12
LED-
13
LED+
NC
LED+
1~6
7~12
YELLOW/GREEN
WHITE
CLEARLUCITE
PURPLE
1
6
8
10
11
12
13
14
15
1
6
10
11
12
13
14
15
O/P Connection
Optionformaleconnection(ContactMEANWELL fordetails)
LED ARRAY
14
15
11
7
8
9
10
6
2
3
4
5
1
12
11
7
8
9
10
6
2
3
4
5
1
GRAY
BLUE
WHITE/BLACK
RED
ORANGE
GREEN
RED
BROWN
BLUE
YELLOW
GRAY
WHITE/RED
ORANGE
WHITE
WHITE/ORANGE
PURPLE
CLEARLUCITE/PURPLE
CLEARLUCITE/BLUE
YELLOW
BLACK
-V
WHITE/YELLOW
O/P cable2
O/P cable1
Cable
Cable2
Cable1
2
3
4
8
7
5
9
2
3
4
7
5
1
6
9
10
11
12
2
3
4
8
7
5
9
4
2
10
11
15
14
13
12
1
8
7
6
3
5
NOTE:Cable1and2for350mA models,Cable1for700mA models
MaleConnection(option)


Similar Part No. - LDV-185-350B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDV-185-350B MEANWELL-LDV-185-350B Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185-350B MEANWELL-LDV-185-350B Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
More results

Similar Description - LDV-185-350B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDV-185_1112 MEANWELL-LDV-185_1112 Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185 MEANWELL-LDV-185_12 Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_11 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H_1107 MEANWELL-HLG-185H_1107 Datasheet
323Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_12 Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H Datasheet
298Kb / 6P
   185W Single Output Switching Power Supply
HLG-185_1107 MEANWELL-HLG-185_1107 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HEP-185 MEANWELL-HEP-185 Datasheet
89Kb / 4P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185_11 Datasheet
296Kb / 6P
   185W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com