Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDV-185-350C Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # LDV-185-350C
Description  185W Multiple Channel Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDV-185-350C Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  LDV-185-350C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDV-185-350C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDV-185-350C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FileName:LDV-185-SPEC2011-03-18
L D V- 1 8 5 series
185WMultipleChannelOutputSwitchingPowerSupply
Fosc:100KHz
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
-30
-25
-5
0
15
30
50
60
70
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
180
200
210
220
230
240 250
260
270
280
290
305
100
90
80
70
60
50
40
(HORIZONTAL)
DETECTION
PWM
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
LED+
-V
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
PFC
CONTROL
BlockDiagram
LED
DRIVER
O.T.P.
LED-


Similar Part No. - LDV-185-350C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDV-185-350C MEANWELL-LDV-185-350C Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185-350C MEANWELL-LDV-185-350C Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
More results

Similar Description - LDV-185-350C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDV-185_1112 MEANWELL-LDV-185_1112 Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
LDV-185 MEANWELL-LDV-185_12 Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_11 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H_1107 MEANWELL-HLG-185H_1107 Datasheet
323Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_12 Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H Datasheet
298Kb / 6P
   185W Single Output Switching Power Supply
HLG-185_1107 MEANWELL-HLG-185_1107 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HEP-185 MEANWELL-HEP-185 Datasheet
89Kb / 4P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185_11 Datasheet
296Kb / 6P
   185W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com