Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C106M4R1C7289 Datasheet(PDF) 8 Page - Kemet Corporation

Part # C1210C106M4R1C7289
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C106M4R1C7289 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C1210C106M4R1C7289 Datasheet HTML 4Page - Kemet Corporation C1210C106M4R1C7289 Datasheet HTML 5Page - Kemet Corporation C1210C106M4R1C7289 Datasheet HTML 6Page - Kemet Corporation C1210C106M4R1C7289 Datasheet HTML 7Page - Kemet Corporation C1210C106M4R1C7289 Datasheet HTML 8Page - Kemet Corporation C1210C106M4R1C7289 Datasheet HTML 9Page - Kemet Corporation C1210C106M4R1C7289 Datasheet HTML 10Page - Kemet Corporation C1210C106M4R1C7289 Datasheet HTML 11Page - Kemet Corporation C1210C106M4R1C7289 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1020-4 • 6/22/2010
88
Surface Mount Multilayer Ceramic Chip Capacitors –KPS Series – Commercial Grade (X7R Dielectric)
EIA Size
Code
Metric Size
Code
Median (Nominal) Land
Protrusion (mm)
X
Y
C
1210
3225
1.75
1.14
3.00
1812
4532
2.87
1.35
4.39
2220
5650
4.78
2.08
5.38
Stress
Reference
Test or Inspection Method
Ripple Current
Heat Generation
∆T : 20ºC max.
Reflow solder the capacitor onto a PC board and apply voltage with 10kHz~1Mhz sine curve.
(Ripple voltage must be < rated voltage)
Terminal Strength
JIS-C-6429
Appendix 1, Note:Force of 1.8kg for 60 seconds.
Board Flex
JIS-C-6429
Appendix 2, Note:2mm (min) for all except 3mm for C0G.
Solderability
J-STD-002
Magnification 50X. Conditions:
a) Method B, 4 hrs @ 155°C, dry heat @ 235°C
b) Method B @ 215°C category 3
c) Method D, category 3 @ 260°C
Temperature Cycling
JESD22 Method JA-104
1000 Cycles (-55°C to +125°C), Measurement at 24 hrs. +/- 2 hrs after test conclusion.
Biased Humidity
MIL-STD-202 Method 103
Load Humidity: 1000 hours 85°C/85%RH and Rated Voltage.Add 100K ohm resistor. Measurement
at 24 hrs. +/- 2 hrs after test conclusion.
Low Volt Humidity:1000 hours 85C°/85%RH and 1.5V.Add 100K ohm resistor.
Measurement at 24 hrs. +/- 2 hrs after test conclusion.
Moisture Resistance
MIL-STD-202 Method 106
t = 24 hours/cycle.Steps 7a & 7b not required.Unpowered.
Measurement at 24 hrs. +/- 2 hrs after test conclusion.
Thermal Shock
MIL-STD-202 Method 107
-55°C/+125°C.Note: Number of cycles required-300, Maximum transfer time-20 seconds, Dwell
time-15 minutes.Air-Air.
High Temperature Life
MIL-STD-202 Method 108
1000 hours at 125°C (85°C for X5R, Z5U and Y5V) with 1.5X rated voltage applied.
Storage Life
MIL-STD-202 Method 108
150°C, 0VDC, for 1000 Hours.
Mechanical Shock
MIL-STD-202 Method 213
Figure 1 of Method 213, Condition F.
Resistance to Solvents
MIL-STD-202 Method 215
Add Aqueous wash chemical - OKEM Clean or equivalent.
Soldering Process
Recommended Soldering Technique:
• Mounting technique is limited to solder reflow only.
Recommended Soldering Profile
• KEMET recommends following the guidelines outlined in IPC/JEDEC J-STD-020D.1
Table 3 – Chip Capacitor Land Pattern Design Recommendations per IPC-7351
Table 4 – Performance & Reliability: Test Methods and Conditions


Similar Part No. - C1210C106M4R1C7289

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C106M4R1C7168 KEMET-C1210C106M4R1C7168 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results

Similar Description - C1210C106M4R1C7289

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com