Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP0115CAC1FF Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FP0115CAC1FF
Description  Contactless Pushbuttons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FP0115CAC1FF Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  FP0115CAC1FF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1FF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1FF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1FF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series FP01
Contactless Pushbuttons
D
www.nkk.com
D6
Actuator Up
Actuator Down
Status of Photo Interrupter:
Unshaded
Shaded
Collector Current I
C:
0.8mA minimum
10µA maximum
Status of Photo Transistor:
On
Off
Output Condition of Photo Transistor:
I
F = 20mA & VCE = 5V
SWITCH SPECIFICATIONS
Total Travel:
.079” (2.0mm)
Operating Force:
0.75 N (.169 lbf)
Mechanical Life:
3,000,000 operations minimum
Operating Temperature Range:
–25°C through +50°C (–13°F through +122°F)
MECHANICAL SPECIFICATIONS
Actuator:
Polyacetal
Housing:
Polyamide
MATERIALS
PHOTO INTERRUPTER SPECIFICATIONS
Electrical & Optical Characteristics
Typical
Maximum
Condition
Input
Forward Voltage V
F:
1.3V
1.6V
I
F = 50mA
Reverse Current I
R:
10µA
F
R = 5V
Transmission
Collector-Emitter Saturation Voltage V
CE sat:
0.4V
I
F = 20mA & IC = 0.1mA
Absolute Maximum Ratings
Input LED
Output Photo Transistor
Forward Current I
F:
50mA
Collector-Emitter Voltage V
CEO:
30V
Reverse Voltage V
R:
5V
Emitter-Collector Voltage V
ECO:
4.5V
Power Dissipation P
D:
80mW
Collector Current I
C:
30mA
Collector Dissipation P
C:
80mW
Circuit Design Considerations
Output of the infrared LED in the photo interrupter
decreases approximately 50% after 100,000 hours.
Recommended load resistance (RL) is 40k ~ 120kΩ
for the illustrated circuit.
(Temperature @ 25°C)
180
GND
VOUT
RL
V = 5V
CC
Threshold Voltage
VHI: 3.8V
VLO: 1.0V
Color
Red
Amber
Green
Forward Peak Current
I
FM
30mA
25mA
25mA
Continuous Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
1.85V
2.0V
2.25V
Reverse Peak Voltage
V
RM
5V
5V
5V
Current Reduction
Rate Above 25°C
∆I
F
0.38mA
/°C
0.28mA
/°C
0.40mA
/°C
Ambient Temperature Range
–25° ~ +50°C
C
LED COLORS & SPECIFICATIONS
Single Element LED
D
F
LEDs are an integral
part of the switch and
not available separately.
The electrical speci-
fications shown are
determined at a basic
temperature of 25°C.
If the source voltage
exceeds the rated
voltage, a ballast
resistor is required.
VF
I F
R
+
E
Anode
Cathode
R =
E – VF
IF
Where: R
E
V
F
I
F
= Resistor Value (Ohms)
= Source Voltage (V)
= Forward Voltage (V)
= Forward Current (A)


Similar Part No. - FP0115CAC1FF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FP0115CAC1FF NKK-FP0115CAC1FF Datasheet
179Kb / 5P
   Contactless Pushbuttons
logo
List of Unclassifed Man...
FP0115CAC1FF ETC2-FP0115CAC1FF Datasheet
347Kb / 4P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1FF NKK-FP0115CAC1FF Datasheet
176Kb / 4P
   Distinctive Characteristics
FP0115CAC1FF-C2 NKK-FP0115CAC1FF-C2 Datasheet
179Kb / 5P
   Contactless Pushbuttons
logo
List of Unclassifed Man...
FP0115CAC1FF-C2 ETC2-FP0115CAC1FF-C2 Datasheet
347Kb / 4P
   Distinctive Characteristics
More results

Similar Description - FP0115CAC1FF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2 Datasheet
179Kb / 5P
   Contactless Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com