Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2113TCW01 Datasheet(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2113TCW01
Description  LED Tipped Toggles
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2113TCW01 Datasheet(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2113TCW01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2113TCW01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2113TCW01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2113TCW01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2113TCW01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2113TCW01 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2113TCW01 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2113TCW01 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. M2113TCW01 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Series M2100
LED Tipped Rockers & Paddles
www.nkk.com
B95
B
(6.35)
.250
(4.8)
.189
(4.7) Typ
.185
(0.8) Typ
.031
(12.0)
.472
(0.6)
.024
20°
(3.5)
.138
(9.8)
.386
(20.3)
.799
(12.0)
.472
20°
(3.5)
.138
(9.8)
.386
(0.6)
.024
(16.8)
.661
(13.5)
.531
LED CIRCUIT, ROCKER, & MOUNTING TYPE COMBINATIONS
TYPICAL ROCKER SWITCH DIMENSIONS
Rocker with
Isolated LED Circuit
R
Rocker with
Synchronous LED Circuit
N
Flat Frame combines with
Terminal codes 01, 02, & 03.
Bracket combines with
Terminal code 13.
Maximum Panel Thickness
.126” (3.2mm)
Material: Polyamide
Finish: Matte
Color: Black
(17.8)
.701
(23.8)
.937
(2.6) Dia Typ
.102
(10.1)
.398
(12.0)
.472
20°
(9.8)
.386
(16.8)
.661
(13.5)
.531
(3.5)
.138
(9.3)
.366
(6.9)
.272
(29.5)
1.161
(23.8)
.937
(2.4) Dia Typ
.094
(2.5) Dia
.098
(6.35)
.250
(4.8)
.189
(4.7) Typ
.185
(0.8) Typ
.031
(12.0)
.472
(0.6)
.024
20°
(3.5)
.138
(9.8)
.386
(20.3)
.799
(13.0)
.512
63
2
1
5
4
(1.17) Typ
.046
(2.0) Typ
.079
(4.8)
.189
(12.7)
.500
(9.3)
.366
(2.5) Dia
.098
(6.35)
.250
(4.5)
.177
(4.7) Typ
.185
(0.8) Typ
.031
(12.0)
.472
20°
(3.5)
.138
(9.8)
.386
(20.3)
.799
(15.8)
.622
(0.5) Typ
.020
63
2
5
41
(9.0)
.354
(3.2) Typ
.126
(13.0)
.512
(1.17) Typ
.046
(1.17) Typ
.046
(4.8)
.189
(12.7)
.500
(9.3)
.366
(6.9)
.272
(29.5)
1.161
(23.8)
.937
(2.4) Dia Typ
.094
(2.5) Dia
.098
(6.35)
.250
(13.0)
.512
96
3
2
1
5
4
8
7
(1.17) Typ
.046
(2.0) Typ
.079
(4.8) Typ
.189
(17.5)
.689
(10.1)
.398
(17.8)
.701
Single Pole
Solder Lug
Double Pole
Solder Lug
SinglePoleOnly
StraightPC•Bracket
Single color LED switch does not have terminal 5.
M2112NCFW01
Single color LED switch does not have terminal 8.
M2122NCFW01
Single color LED switch does not have terminal 5. Silver contact material is standard.
M2112NCFW13


Similar Part No. - M2113TCW01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2113TCW01 NKK-M2113TCW01 Datasheet
708Kb / 7P
   General Specifications
More results

Similar Description - M2113TCW01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW NKK-M2112LCW Datasheet
292Kb / 8P
   LED Tipped Actuators
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
TL22DCAW015C NKK-TL22DCAW015C Datasheet
139Kb / 5P
   Fully Illuminated Toggles
logo
List of Unclassifed Man...
M2013SS1W01 ETC2-M2013SS1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M-2011L ETC2-M-2011L Datasheet
1Mb / 12P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com