Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C106MAR1C7289 Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1210C106MAR1C7289
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C106MAR1C7289 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1210C106MAR1C7289 Datasheet HTML 2Page - Kemet Corporation C1210C106MAR1C7289 Datasheet HTML 3Page - Kemet Corporation C1210C106MAR1C7289 Datasheet HTML 4Page - Kemet Corporation C1210C106MAR1C7289 Datasheet HTML 5Page - Kemet Corporation C1210C106MAR1C7289 Datasheet HTML 6Page - Kemet Corporation C1210C106MAR1C7289 Datasheet HTML 7Page - Kemet Corporation C1210C106MAR1C7289 Datasheet HTML 8Page - Kemet Corporation C1210C106MAR1C7289 Datasheet HTML 9Page - Kemet Corporation C1210C106MAR1C7289 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1020-4 • 6/22/2010
66
Surface Mount Multilayer Ceramic Chip Capacitors –KPS Series – Commercial Grade (X7R Dielectric)
Electrical Characteristics con't
10
1
90
80
70
60
50
40
30
20
10
2
Weibull
X7R 1812 47uF 16V
Board Flexture (mm)
10
.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.5
1.0
90
80
70
60
50
40
30
20
10
2
Weibull
X7R 2220 22uF 25V – (47uF KPS Stacked)
Board Flexture (mm)
Standard Termination
KPS – 2 Chip Stack
Board Flexure to 10mm
Board Flex vs. Termination Type
Board Flexure to 10mm
10
.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.5
1.0
90
80
70
60
50
40
30
20
10
2
Weibull
X7R 1210 4.7 uF 50V
Board Flexture (mm)
Board Flex vs. Termination Type
10
.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.5
1.0
90
80
70
60
50
40
30
20
10
2
Weibull
X7R 1210 10 uF – (22uF KPS Stacked)
Board Flexture (mm)
Standard Termination
KPS – 2 Chip Stack


Similar Part No. - C1210C106MAR1C7289

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C106MAR1C7168 KEMET-C1210C106MAR1C7168 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results

Similar Description - C1210C106MAR1C7289

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com