Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9601 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9601
Description  Dual bidirectional bus buffer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9601 Datasheet HTML 7Page - NXP Semiconductors PCA9601 Datasheet HTML 8Page - NXP Semiconductors PCA9601 Datasheet HTML 9Page - NXP Semiconductors PCA9601 Datasheet HTML 10Page - NXP Semiconductors PCA9601 Datasheet HTML 11Page - NXP Semiconductors PCA9601 Datasheet HTML 12Page - NXP Semiconductors PCA9601 Datasheet HTML 13Page - NXP Semiconductors PCA9601 Datasheet HTML 14Page - NXP Semiconductors PCA9601 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 May 2011
11 of 32
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
Fig 4.
Equivalent circuit at SX/SY
002aac838
VCC
≤ 1 mA
SX (SY)
Vref
VOL at SX typical and limits over temperature.
(1) Maximum.
(2) Typical.
VOL at SX typical and limits over temperature.
(1) Maximum.
(2) Typical.
Fig 5.
VOL as a function of junction temperature
(IOL =0.3 mA)
Fig 6.
VOL as a function of junction temperature
(IOL =3mA)
VIL at SX changes over temperature range.
VIH at SX changes over temperature range.
Fig 7.
VIL as a function of junction temperature;
maximum and typical values
Fig 8.
VIH as a function of junction temperature;
minimum and typical values
800
VOL
(mV)
400
Tj (°C)
002aac839
(1)
−50
125
100
75
50
25
0
−25
(2)
600
500
700
800
VOL
(mV)
400
Tj (°C)
002aac840
(1)
−50
125
100
75
50
25
0
−25
(2)
600
500
700
600
VIL
(mV)
200
Tj (°C)
002aag005
500
400
300
−50
125
100
75
50
25
0
−25
maximum
typical
600
VIH
(mV)
200
Tj (°C)
002aag006
500
400
300
−50
125
100
75
50
25
0
−25
minimum
typical


Similar Part No. - PCA9601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9601 NXP-PCA9601 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com