Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9621D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9621D
Description  65 mA 8-bit 2-wire bus output port
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9621D Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9621D Datasheet HTML 1Page - NXP Semiconductors PCA9621D Datasheet HTML 2Page - NXP Semiconductors PCA9621D Datasheet HTML 3Page - NXP Semiconductors PCA9621D Datasheet HTML 4Page - NXP Semiconductors PCA9621D Datasheet HTML 5Page - NXP Semiconductors PCA9621D Datasheet HTML 6Page - NXP Semiconductors PCA9621D Datasheet HTML 7Page - NXP Semiconductors PCA9621D Datasheet HTML 8Page - NXP Semiconductors PCA9621D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PCA9621
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 9 March 2011
5 of 18
NXP Semiconductors
PCA9621
65 mA 8-bit 2-wire bus output port
7.6 A0, A1, A2 — address lines
The slave address of the PCA9621 is shown in Figure 4. The address pins (A2, A1, A0)
must be driven to a HIGH or LOW level—they are not internally pulled to a default state.
The read/write bit must be set LOW to enable a write to the Control register, or HIGH to
read from the Control register.
7.7 Control register
The Control register of the PCA9621 is shown in Figure 5. Each of the four output ports
can be activated independently by setting the appropriate bit in the Control register.
A LOW or ‘zero’ bit indicates that the respective channel (P7 to P0) is disabled
(high-impedance). The default reset condition of the register is all zeros, all ports
high-impedance. A HIGH or ‘one’ bit indicates the respective channel is active (sinking).
Example: Programming C1h (1100 0001b) into the Control register results in ports P0, P6
and P7 being ON (sinking) and the remaining ports being OFF (high-impedance).
Fig 4.
Slave address
002aaf383
1
1
0
0
A2
A1
A0 R/W
fixed
externally
selectable
read = 1
write = 0
1 = ON (sinking)
0 = OFF (high-impedance)
Fig 5.
Control register
002aaf384
P7
P6
P5
P4
P3
P2
P1
P0
MSB
LSB


Similar Part No. - PCA9621D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9621 NXP-PCA9621 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9621D

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B3245A POTATO-PO3B3245A Datasheet
544Kb / 6P
   8-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3245 PERICOM-PI5C3245_10 Datasheet
696Kb / 5P
   8-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B3245A POTATO-PO3B3245A_14 Datasheet
1Mb / 5P
   8-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3245 PERICOM-PI5C3245 Datasheet
159Kb / 3P
   8-Bit, 2-Port Bus Switch
PI5C3245QE PERICOM-PI5C3245QE Datasheet
352Kb / 5P
   8-Bit, 2-Port Bus Switch
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
   8-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Potato Semiconductor Co...
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
   8-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI3VT3245 PERICOM-PI3VT3245 Datasheet
311Kb / 5P
   8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
logo
Intel Corporation
M8212 INTEL-M8212 Datasheet
153Kb / 5P
   8-BIT INPUT/OUTPUT PORT
logo
Potato Semiconductor Co...
PO3VT3245A POTATO-PO3VT3245A_14 Datasheet
992Kb / 5P
   Translator Bus SwitchHot Insertion 8-Bit, 2-Port, Low Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com