Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9671BQ Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9671BQ
Description  Remote 16-bit I/O expander for Fm I2C-bus with reset
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9671BQ Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9671BQ Datasheet HTML 7Page - NXP Semiconductors PCA9671BQ Datasheet HTML 8Page - NXP Semiconductors PCA9671BQ Datasheet HTML 9Page - NXP Semiconductors PCA9671BQ Datasheet HTML 10Page - NXP Semiconductors PCA9671BQ Datasheet HTML 11Page - NXP Semiconductors PCA9671BQ Datasheet HTML 12Page - NXP Semiconductors PCA9671BQ Datasheet HTML 13Page - NXP Semiconductors PCA9671BQ Datasheet HTML 14Page - NXP Semiconductors PCA9671BQ Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
PCA9671
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 29 July 2010
11 of 35
NXP Semiconductors
PCA9671
Remote 16-bit I/O expander for Fm+ I2C-bus with reset
Remark: The reading of the Device ID can be stopped anytime by sending a NACK
command.
Remark: If the master continues to ACK the bytes after the third byte, the PCA9671
rolls back to the first byte and keeps sending the Device ID sequence until a NACK
has been detected.
For the PCA9671, the Device ID is as shown in Figure 13.
Fig 13. PCA9671 ID
If more than 2 bytes are read, the slave device loops back to the first byte (manufacturer byte) and
keeps sending data until the master generates a ‘no acknowledge’.
Fig 14. Device ID field reading
0
002aac249
0
0
revision
0
0
1
0
1
0
1
0
0
part identification
0
0
0
0
0
0
0
0
0
0
0
0
manufacturer
category identification
feature identification
002aac335
1
1
1
1
0
0
0
A
S
1
device ID address
START condition
R/W
acknowledge from one
or several slave(s)
A5 A4 A3 A2 A1 A0 X
A6
A
1
1
1
1
0
0
1
1
device ID address
A
I2C-bus slave address of
the device to be identified
don't care
acknowledge from
slave to be identified
acknowledge from
slave to be identified
R/W
M6 M5 M4
M7
M2 M1 M0
M3
A
acknowledge
from master
C5 C4 C3
C6
C1 C0 F5
C2
A
acknowledge
from master
manufacturer name
= 00000000
P3 P2 P1
F4
P0 R2 R1 R0
revision = 000
feature identification
= 010100
A
P
STOP
condition
no acknowledge
from master
category identification
= 0000001


Similar Part No. - PCA9671BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9671BQ PHILIPS-PCA9671BQ Datasheet
195Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671BQ NXP-PCA9671BQ Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
More results

Similar Description - PCA9671BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9671 PHILIPS-PCA9671 Datasheet
195Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9671 NXP-PCA9671 Datasheet
204Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with reset
Rev. 01-20 December 2006
PCA9670 NXP-PCA9670 Datasheet
170Kb / 28P
   Remote 8-bit I/O expander for Fm I2C-bus with reset
Rev. 02-17 July 2007
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9673 NXP-PCA9673 Datasheet
208Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCA9675 NXP-PCA9675 Datasheet
207Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA9675 PHILIPS-PCA9675 Datasheet
197Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA9672 NXP-PCA9672 Datasheet
172Kb / 27P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 02-6 July 2007
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com