Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2113LFG01 Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2113LFG01
Description  LED Tipped Toggles
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2113LFG01 Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2113LFG01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2113LFG01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2113LFG01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2113LFG01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2113LFG01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2113LFG01 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2113LFG01 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2113LFG01 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. M2113LFG01 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Series M2100
LED Tipped Rockers & Paddles
www.nkk.com
B93
B
TYPICAL SWITCH ORDERING EXAMPLE
1
N
M21
SPDT
ON-NONE-ON
Switch Circuit
Synchronous LED Circuit
in Rocker Actuator
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
Contact Materials
& Ratings
W
Silver; Rated
6A @ 125V AC
G
Gold; Rated 0.4VA max
@ 28V AC/DC max
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2112NCFW01
W
LED Colors
Single Color
C
Red
E
Yellow
F
Green
Bicolor
CF
Red/Green
Poles
1
SPDT
* 2
DPDT
* Available only with Rockers
with Terminals 01, 02, 03
Silver Contacts with
6-Amp Rating
Solder Lug Terminals
Optional Bezel
& Colors
For Snap-in Frame
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
Red/Green LED
CF
01
Paddle
P
Isolated
J
Synchronous
Rocker
R
Isolated
N
Synchronous
LED Circuits &
Actuator Types
01
Solder Lug with Flat Frame*
02
Quick Connect with Flat Frame
03
Straight PC with Flat Frame
13
Straight PC with Bracket Mount
Terminals &
Mounting Types
01
Solder Lug with Snap-in Frame*
02
Quick Connect with Snap-in Frame
03
Straight PC with Snap-in Frame
13
Straight PC with Bracket Mount
IMPORTANT:
Switches are supplied without UL
& CSA marking unless specified.
Specific models & ratings noted
on General Specifications page.
* Wire harness & cable assemblies
offered only in Americas


Similar Part No. - M2113LFG01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2113LFG01 NKK-M2113LFG01 Datasheet
708Kb / 7P
   General Specifications
More results

Similar Description - M2113LFG01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW NKK-M2112LCW Datasheet
292Kb / 8P
   LED Tipped Actuators
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
TL22DCAW015C NKK-TL22DCAW015C Datasheet
139Kb / 5P
   Fully Illuminated Toggles
logo
List of Unclassifed Man...
M2013SS1W01 ETC2-M2013SS1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M-2011L ETC2-M-2011L Datasheet
1Mb / 12P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com