Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9561D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9561D
Description  Quad 6-bit multiplexed I2C EEPROM DIP switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9561D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9561D Datasheet HTML 6Page - NXP Semiconductors PCA9561D Datasheet HTML 7Page - NXP Semiconductors PCA9561D Datasheet HTML 8Page - NXP Semiconductors PCA9561D Datasheet HTML 9Page - NXP Semiconductors PCA9561D Datasheet HTML 10Page - NXP Semiconductors PCA9561D Datasheet HTML 11Page - NXP Semiconductors PCA9561D Datasheet HTML 12Page - NXP Semiconductors PCA9561D Datasheet HTML 13Page - NXP Semiconductors PCA9561D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9561
Quad 6-bit multiplexed I2C EEPROM DIP switch
2004 May 17
10
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VDD
DC supply voltage
–0.5 to +4.0
V
VI
DC input voltage
Note 3
–1.5 to +5.5
V
VOUT
DC output voltage
Note 3
–0.5 to +5.5
V
Tstg
Storage temperature range
–60 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The maximum input or output voltage is the lesser of 5.5 V or VDD + 4.0 V, except for very short (e.g., system start-up or shut-down)
durations.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD
DC supply voltage
3.0
3.6
V
VIL
LOW-level input voltage
SCL, SDA
IOL= 3 mA
–0.5
0.9
V
VIH
HIGH-level input voltage
SCL, SDA
IOL= 3 mA
2.7
5.5 1
V
VO
LOW level output voltage
SCL SDA
IOL= 3 mA
0.4
V
VOL
LOW-level output voltage
SCL, SDA
IOL= 6 mA
0.6
V
VIL
LOW-level input voltage
MUX_IN,
MUX_SELECT_0
MUX_SELECT_1
–0.5
0.8
V
VIH
HIGH-level input voltage
MUX_IN,
MUX_SELECT_0
MUX_SELECT_1
2.0
5.5 1
V
IOL
LOW-level output current
MUX_OUT
8
mA
IOH
HIGH-level output current
MUX_OUT
100
µA
dt/dv
Input transition rise or fall time
0
10
ns/V
Tamb
Operating temperature
–40
85
°C
NOTES:
1. The maximum input voltage is the lesser of 5.5 V or VDD + 4.0 V, except for very short (e.g., system start-up or shut-down) durations.


Similar Part No. - PCA9561D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9561 PHILIPS-PCA9561 Datasheet
111Kb / 17P
   Quad 6-bit multiplexed I2C EEPROM DIP switch
2003 Jun 27
PCA9561 NXP-PCA9561 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA9561D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9561 PHILIPS-PCA9561 Datasheet
111Kb / 17P
   Quad 6-bit multiplexed I2C EEPROM DIP switch
2003 Jun 27
PCA9560 PHILIPS-PCA9560 Datasheet
111Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2003 Jun 27
PCA9560 PHILIPS-PCA9560_04 Datasheet
129Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
PCA9559 PHILIPS-PCA9559 Datasheet
83Kb / 11P
   5-bit multiplexed/1-bit latched 6-bit I2C EEPROM
2003 Jun 27
PCA9558 NXP-PCA9558 Datasheet
165Kb / 27P
   8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
Rev. 04-14 April 2009
PCA8550 PHILIPS-PCA8550 Datasheet
87Kb / 12P
   4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
PCA9558 PHILIPS-PCA9558 Datasheet
131Kb / 18P
   8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
2002 May 24
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com