Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9564D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9564D
Description  Parallel bus to I2C-bus controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9564D Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9564D Datasheet HTML 1Page - NXP Semiconductors PCA9564D Datasheet HTML 2Page - NXP Semiconductors PCA9564D Datasheet HTML 3Page - NXP Semiconductors PCA9564D Datasheet HTML 4Page - NXP Semiconductors PCA9564D Datasheet HTML 5Page - NXP Semiconductors PCA9564D Datasheet HTML 6Page - NXP Semiconductors PCA9564D Datasheet HTML 7Page - NXP Semiconductors PCA9564D Datasheet HTML 8Page - NXP Semiconductors PCA9564D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Philips Semiconductors
Product data sheet
PCA9564
Parallel bus to I2C-bus controller
2006 Sep 01
3
PIN CONFIGURATION — DIP, SO, TSSOP
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
D0
D1
D2
D3
D4
D5
D6
D7
DNU
VSS
VDD
SDA
SCL
RESET
INT
A1
A0
RD
CE
WR
10
SW02260
PIN CONFIGURATION — HVQFN
15
14
13
12
11
1
2
3
4
5
SW02261
TOP VIEW
D3
D4
D5
D6
D7
INT
RESET
A0
A1
SCL
PIN DESCRIPTION
PIN NUMBER
PIN
DIP, SO, TSSOP
HVQFN
SYMBOL
PIN
TYPE
NAME AND FUNCTION
1, 2, 3, 4,
5, 6, 7, 8
1, 2, 3, 4, 5,
18, 19, 20
D0–D7
I/O
Data Bus: Bi-directional 3-State data bus used to transfer commands, data and
status between the controller and the CPU. D0 is the least significant bit.
9
6
DNU
Do not use: must be left floating (pulled LOW internally)
10
71
VSS
Pwr
Ground
11
8
WR
I
Write Strobe: When LOW and CE is also LOW, the contents of the data bus is
loaded into the addressed register. The transfer occurs on the rising edge of the
signal.
12
9
RD
I
Read Strobe: When LOW and CE is also LOW, causes the contents of the
addressed register to be presented on the data bus. The read cycle begins on the
falling edge of RD.
13
10
CE
I
Chip Enable: Active-LOW input signal. When LOW, data transfers between the CPU
and the controller are enabled on D0–D7 as controlled by the WR, RD and A0–A1
inputs. When HIGH, places the D0–D7 lines in the 3-State condition.
14, 15
11, 12
A0, A1
I
Address Inputs: Selects the controller internal registers and ports for read/write
operations.
16
13
INT
O
Interrupt Request: Active-LOW, open-drain, output. This pin requires a pull-up
device.
17
14
RESET
I
Reset: A LOW level clears internal registers resets the I2C state machine.
18
15
SCL
I/O
I2C-bus serial clock input/output (open-drain).
19
16
SDA
I/O
I2C-bus serial data input/output (open-drain).
20
17
VDD
Pwr
Power Supply: 2.3 to 3.6 V
NOTES:
1. HVQFN package die supply ground is connected to both VSS pin and exposed center pad. VSS pin must be connected to supply ground for
proper device operation. For enhanced thermal, electrical, and board level performance, the exposed pad needs to be soldered to the board
using a corresponding thermal pad on the board and for proper heat conduction through the board, thermal vias need to be incorporated in
the PCB in the thermal pad region.


Similar Part No. - PCA9564D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9564D PHILIPS-PCA9564D Datasheet
222Kb / 31P
   Parallel bus to I2C-bus controller
2003 Apr 02
PCA9564D NXP-PCA9564D Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
More results

Similar Description - PCA9564D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9564PW-T NXP-PCA9564PW-T Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564 PHILIPS-PCA9564 Datasheet
222Kb / 31P
   Parallel bus to I2C-bus controller
2003 Apr 02
PCA9665 PHILIPS-PCA9665 Datasheet
419Kb / 91P
   Fm parallel bus to I2C-bus controller
Rev. 02-7 December 2006
PCA9665 NXP-PCA9665 Datasheet
427Kb / 90P
   Fm parallel bus to I2C-bus controller
Rev. 03-12 August 2008
PCA9665 NXP-PCA9665_V01 Datasheet
710Kb / 92P
   Fm parallel bus to I2C-bus controller
Rev. 4-29 September 2011
PCA9663 NXP-PCA9663 Datasheet
1Mb / 66P
   Parallel bus to 3 channel Fm I2C-bus controller
Rev. 1-6 June 2011
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
   I2C-bus to SPI bridge
Rev.1.0-15 September 2021
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS602B_1008 NXP-SC18IS602B_1008 Datasheet
217Kb / 25P
   I2C-bus to SPI bridge
Rev. 5-3 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com