Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB054N40DC Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KMB054N40DC
Description  N-Ch Trench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB054N40DC Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KMB054N40DC Datasheet HTML 1Page - KEC(Korea Electronics) KMB054N40DC Datasheet HTML 2Page - KEC(Korea Electronics) KMB054N40DC Datasheet HTML 3Page - KEC(Korea Electronics) KMB054N40DC Datasheet HTML 4Page - KEC(Korea Electronics) KMB054N40DC Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2009. 10. 26
1/5
SEMICONDUCTOR
TECHNICAL DATA
KMB054N40DC
N-Ch Trench MOSFET
Revision No : 0
General Description
This Trench MOSFET has better characteristics, such as fast switching
time, low on resistance, low gate charge and excellent avalanche
characteristics. It is mainly suitable for Back-light Inverter and Power
Supply.
FEATURES
VDSS=40V, ID=54A.
Low Drain-Source ON Resistance.
: RDS(ON)=8.5m (Max.) @ VGS=10V
: RDS(ON)=11m (Max.) @ VGS=4.5V
Super High Dense Cell Design.
High Power and Current Handling Capability.
MAXIMUM RATING (Ta=25
Unless otherwise Noted)
PIN CONNECTION (TOP VIEW)
GS
D
1
2
3
1
2
3
DPAK (1)
DIM MILLIMETERS
A
A
B
B
C
C
D
D
F
FF
H
G
K
G
J
L
K
L
1. GATE
2. DRAIN
3. SOURCE
M
0.96 MAX
0.90 MAX
E
E
M
N
H
0.70 MIN
N
12
3
6.60
0.20
+
_
6.10 0.20
+
_
5.34
0.30
+
_
0.70 0.20
+
_
2.70
0.15
+
_
2.30 0.10
+
_
1.80 0.20
+
_
0.50
0.10
+
_
2.30 0.10
+
_
0.50 0.10
+
_
J
KMB
054N40
DC
Marking
Type Name
Lot No
Note 1) RthJC means that the infinite heat sink is mounted.
Note 2) Surface Mounted on 1”
1” Pad of 2 oz copper.
CHARACTERISTIC
SYMBOL
N-Ch
UNIT
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
20
V
Drain Current
DC@TC=25
(Note1)
ID
54
A
Pulsed
(Note2)
IDP
100
Drain-Source-Diode Forward Current
IS
100
A
Drain Power Dissipation
@TC=25
(Note1)
PD
45
W
@Ta=25
(Note2)
3.1
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Thermal Resistance, Junction to Case
(Note1)
RthJC
2.8
/W
Thermal Resistance, Junction to Ambient (Note2)
RthJA
40
/W


Similar Part No. - KMB054N40DC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB054N40DC KEC-KMB054N40DC_15 Datasheet
822Kb / 5P
   N-Ch Trench MOSFET
More results

Similar Description - KMB054N40DC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
   N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com