Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS82C Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS82C
Description  VI TELEFILTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS82C Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS82C Datasheet HTML 1Page - Vectron International, Inc TFS82C Datasheet HTML 2Page - Vectron International, Inc TFS82C Datasheet HTML 3Page - Vectron International, Inc TFS82C Datasheet HTML 4Page - Vectron International, Inc TFS82C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Filename: tfs 82c.doc
Version 1.1
13.07.2005
VI TELEFILTER
Filter specification
TFS 82C
3/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Stability characteristics
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 1 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5 g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Change of
temperature:
-55 °C to 125°C / 30 min. each / 10 cycles
DIN IEC 68 part 2 – 14 Test N
4. Resistance to
solder heat (reflow):
reflow possible: twice max.;
for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;


Similar Part No. - TFS82C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS820 VECTRON-TFS820 Datasheet
185Kb / 5P
   Vectron International Filter specification
TFS820A VECTRON-TFS820A Datasheet
114Kb / 5P
   Vectron International Filter specification
TFS826 VECTRON-TFS826 Datasheet
229Kb / 5P
   Filter specification
TFS82A VECTRON-TFS82A Datasheet
59Kb / 4P
   Specification
TFS82B VECTRON-TFS82B Datasheet
37Kb / 2P
   Filter specification
More results

Similar Description - TFS82C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS70AU VECTRON-TFS70AU Datasheet
167Kb / 5P
   VI TELEFILTER
TFS1747 VECTRON-TFS1747_07 Datasheet
181Kb / 5P
   VI TELEFILTER
logo
List of Unclassifed Man...
TFS282A ETC-TFS282A Datasheet
42Kb / 5P
   VI TELEFILTER
logo
Vectron International, ...
TFS70AT VECTRON-TFS70AT Datasheet
162Kb / 5P
   VI TELEFILTER
TFS537 VECTRON-TFS537 Datasheet
241Kb / 5P
   VI TELEFILTER
TFS626 VECTRON-TFS626 Datasheet
226Kb / 5P
   VI TELEFILTER
TFS107 VECTRON-TFS107 Datasheet
206Kb / 5P
   VI TELEFILTER
TFS456H VECTRON-TFS456H Datasheet
184Kb / 5P
   VI TELEFILTER
TFS915B VECTRON-TFS915B Datasheet
219Kb / 5P
   VI TELEFILTER
TFS1220B VECTRON-TFS1220B Datasheet
96Kb / 6P
   VI TELEFILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com