Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS626 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # TFS626
Description  VI TELEFILTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS626 Datasheet(HTML) 4 Page - Vectron International, Inc

  TFS626 Datasheet HTML 1Page - Vectron International, Inc TFS626 Datasheet HTML 2Page - Vectron International, Inc TFS626 Datasheet HTML 3Page - Vectron International, Inc TFS626 Datasheet HTML 4Page - Vectron International, Inc TFS626 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Filename: tfs 626.doc
Version 1.5
19.07.2006
VI TELEFILTER
Filter specification
TFS 626
4/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Air reflow temperature conditions
Conditions
Exposure
Average ramp-up rate (30°C to 217°C)
less than 3°C/second
> 100°C
between 300 and 600 seconds
> 150°C
between 240 and 500 seconds
> 217°C
between 30 and 150 seconds
Peak temperature
max. 260°C
Time within 5°C of actual peak temperature
between 10 and 30 seconds
Cool-down rate (Peak to 50°C)
less than 6°C/second
Time from 30°C to Peak temperature
no greater than 300 seconds
Chip-mount air reflow profile
Temperature / °C
max. 260°C
217°C
Time / s
max. 300 s
10 ... 30 s
30 ... 150 s
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS626

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS620 VECTRON-TFS620 Datasheet
178Kb / 5P
   Filter specification
TFS622 VECTRON-TFS622 Datasheet
55Kb / 4P
   Filter Specification
TFS622A VECTRON-TFS622A Datasheet
183Kb / 5P
   Filter specification
TFS622C VECTRON-TFS622C Datasheet
135Kb / 5P
   Filter specification
TFS622D VECTRON-TFS622D Datasheet
165Kb / 5P
   Filter specification
More results

Similar Description - TFS626

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS70AU VECTRON-TFS70AU Datasheet
167Kb / 5P
   VI TELEFILTER
TFS1747 VECTRON-TFS1747_07 Datasheet
181Kb / 5P
   VI TELEFILTER
logo
List of Unclassifed Man...
TFS282A ETC-TFS282A Datasheet
42Kb / 5P
   VI TELEFILTER
logo
Vectron International, ...
TFS70AT VECTRON-TFS70AT Datasheet
162Kb / 5P
   VI TELEFILTER
TFS537 VECTRON-TFS537 Datasheet
241Kb / 5P
   VI TELEFILTER
TFS107 VECTRON-TFS107 Datasheet
206Kb / 5P
   VI TELEFILTER
TFS456H VECTRON-TFS456H Datasheet
184Kb / 5P
   VI TELEFILTER
TFS915B VECTRON-TFS915B Datasheet
219Kb / 5P
   VI TELEFILTER
TFS1220B VECTRON-TFS1220B Datasheet
96Kb / 6P
   VI TELEFILTER
TFS82C VECTRON-TFS82C Datasheet
162Kb / 5P
   VI TELEFILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com