Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-05-24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PM-05-24
Description  5W Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PM-05-24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PM-05-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PM-05-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGHUMIDITY
WORKINGTEMP.
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
1000ms,20ms/230VAC1000ms,20ms/115VACatfullload
100ms/230VAC24ms/115VACatfullload
85~264VAC120~370VDC
47~440Hz
71%
67%
73%
13.8~16.2V
74%
17.25~20.25V
76%
27.6~32.4V
0.12A/115VAC0.08A/230VAC
COLDSTART 25A/115VAC45A/230VAC
Above105% ratedoutputpower
5.75~6.75V
3.8~4.95V
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
I/P-O/P:4KVAC
I/P-O/P:100MOhms/500VDC /25
/70%RH
20~90%RHnon-condensing
-20~+70
(Refertooutputloadderatingcurve)
-40~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
1513.4Khrsmin.MIL-HDBK-217F(25
)
62.85*50*19.7mm(L*W*H)
0.085Kg;120pcs/11.2Kg/0.97CUFT
FileName:PM-05-SPEC2010-07-19
0.5%
1.0%
0.5%
1.0%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
2.0%
2.0%
2.0%
2.0%
3.0%
80mVp-p
80mVp-p
150mVp-p
150mVp-p
240mVp-p
5V
3.3V
12V
15V
24V
1A
1.25A
0.42A
0.33A
0.23A
0~1A
0~1.25A
0~0.42A
0~0.33A
0~0.23A
5W
4.125W
5.04W
4.95W
5.52W
PM-05-5
PM-05-12
PM-05-15
PM-05-24
PM-05-3.3
SAFETY STANDARDS
UL60601-1, TUVEN60601-1,IEC60601-1approved
5WOutputSwitchingPowerSupply
P M - 0 5 series
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
Protectiontype: Shutoffo/pvoltage,clampingbyzenerdiode
CompliancetoEN55011
,EN55022(CISPR22)ClassB
(CISPR11)
HARMONICCURRENT
EMSIMMUNITY
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,EN60601-1-2,EN61204-3,medicallevel,criteria A
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Ultra-miniature size, light weight
Cooling by free air convection
Isolation class
UL60601-1/IEC60601-1/EN60601-1 medical safety approved
No load power consumption<0.5W
100% full load burn-in test
Fixed switching frequency at 67KHz
High reliability
3 years warranty
EN60601-1
IEC60601-1


Similar Part No. - PM-05-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-05-24 MEANWELL-PM-05-24 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05-24 MEANWELL-PM-05-24 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
More results

Similar Description - PM-05-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NFM-05 MEANWELL-NFM-05_12 Datasheet
250Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
IRM-05 MEANWELL-IRM-05 Datasheet
161Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
NFM-05 MEANWELL-NFM-05 Datasheet
232Kb / 2P
   5W Output Switching Power Supply
PS-05 MEANWELL-PS-05_09 Datasheet
567Kb / 2P
   5W Single Output Switching Power Supply
PS-05 MEANWELL-PS-05_09 Datasheet
567Kb / 2P
   5W Single Output Switching Power Supply
PS-05 MEANWELL-PS-05 Datasheet
288Kb / 2P
   5W Single Output Switching Power Supply
logo
DIWELL Electronics Co.,...
IRM-05 DIWELL-IRM-05 Datasheet
151Kb / 2P
   5W Output Switching IRM-05 series Power Supply
2013-07-09
logo
MORNSUN Science& Techno...
LO05-00B05E MORNSUN-LO05-00B05E Datasheet
390Kb / 4P
   5W, AC-DC switching power supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com