Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65835 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65835
Description  Advanced PMU With Integrated MSP430 For Active Shutter 3D Glasses
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65835 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65835 Datasheet HTML 1Page - Texas Instruments TPS65835 Datasheet HTML 2Page - Texas Instruments TPS65835 Datasheet HTML 3Page - Texas Instruments TPS65835 Datasheet HTML 4Page - Texas Instruments TPS65835 Datasheet HTML 5Page - Texas Instruments TPS65835 Datasheet HTML 6Page - Texas Instruments TPS65835 Datasheet HTML 7Page - Texas Instruments TPS65835 Datasheet HTML 8Page - Texas Instruments TPS65835 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
TPS65835
www.ti.com
SLVSAF6
– JUNE 2011
3.1.6
Schmitt-Trigger Inputs, Ports Px
.............................................................................. 32
3.1.7
Leakage Current, Ports Px
.................................................................................... 32
3.1.8
Outputs, Ports Px
............................................................................................... 32
3.1.9
Output Frequency, Ports Px
................................................................................... 33
3.1.10
Typical Characteristics, Outputs
.............................................................................. 33
3.1.11
Pin-Oscillator Frequency
– Ports Px
......................................................................... 34
3.1.12
Typical Characteristics, Pin-Oscillator Frequency
.......................................................... 35
3.1.13
POR/Brownout Reset (BOR)
.................................................................................. 35
3.1.14
Typical Characteristics, POR/Brownout Reset (BOR)
..................................................... 36
3.1.15
DCO Frequency
................................................................................................. 37
3.1.16
Calibrated DCO Frequencies, Tolerance
.................................................................... 38
3.1.17
Wake-Up From Lower-Power Modes (LPM3/4)
............................................................ 39
3.1.18
Typical Characteristics, DCO Clock Wake-Up Time From LPM3/4
...................................... 39
3.1.19
Crystal Oscillator, XT1, Low-Frequency Mode
............................................................. 40
3.1.20
Internal Very-Low-Power Low-Frequency Oscillator (VLO)
............................................... 40
3.1.21
Timer_A
.......................................................................................................... 41
3.1.22
USCI (UART Mode)
............................................................................................ 41
3.1.23
USCI (SPI Master Mode)
...................................................................................... 41
3.1.24
USCI (SPI Slave Mode)
........................................................................................ 42
3.1.25
USCI (I2C Mode)
............................................................................................... 43
3.1.26
Comparator_A+
................................................................................................. 44
3.1.27
Typical Characteristics
– Comparator_A+
................................................................... 44
3.1.28
10-Bit ADC, Power Supply and Input Range Conditions
.................................................. 45
3.1.29
10-Bit ADC, Built-In Voltage Reference
..................................................................... 46
3.1.30
10-Bit ADC, External Reference
.............................................................................. 46
3.1.31
10-Bit ADC, Timing Parameters
.............................................................................. 47
3.1.32
10-Bit ADC, Linearity Parameters
............................................................................ 47
3.1.33
10-Bit ADC, Temperature Sensor and Built-In VMID ........................................................ 47
3.1.34
Flash Memory
................................................................................................... 48
3.1.35
RAM
.............................................................................................................. 48
3.1.36
JTAG and Spy-Bi-Wire Interface
............................................................................. 48
3.1.37
JTAG Fuse
...................................................................................................... 48
3.2
MSP430 Core Operation
................................................................................................. 49
3.2.1
Description
....................................................................................................... 49
3.2.2
Accessible MSP430 Pins
...................................................................................... 50
3.2.3
MSP430 Port Functions and Programming Options
....................................................... 52
3.2.4
Operating Modes
............................................................................................... 55
3.2.5
MSP430x2xx User
's Guide
.................................................................................... 55
4
APPLICATION INFORMATION
............................................................................................. 56
4.1
Applications Schematic
................................................................................................... 56
4.2
Boost Converter Application Information
............................................................................... 56
4.2.1
Setting Boost Output Voltage
................................................................................. 56
4.2.2
Boost Inductor Selection
....................................................................................... 57
4.2.3
Boost Capacitor Selection
..................................................................................... 58
4.3
Bypassing Default Push-Button SWITCH Functionality
.............................................................. 58
4.4
MSP430 Programming
.................................................................................................... 60
Copyright
© 2011, Texas Instruments Incorporated
Contents
3


Similar Part No. - TPS65835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65835RKPR TI1-TPS65835RKPR Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
TPS65835RKPT TI1-TPS65835RKPT Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
More results

Similar Description - TPS65835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65735 TI1-TPS65735 Datasheet
1Mb / 36P
[Old version datasheet]   PMU For Active Shutter 3D Glasses
JUNE2011
TPS65735 TI1-TPS65735_16 Datasheet
1Mb / 39P
[Old version datasheet]   PMU for Active Shutter 3D Glasses
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
   PMU for 3D Glasses
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
logo
Holtek Semiconductor In...
HT45FH3T HOLTEK-HT45FH3T Datasheet
4Mb / 131P
   3D Glasses 8-bit Flash Type MCU
logo
Active-Semi, Inc
ACT8893 ACTIVE-SEMI-ACT8893_14 Datasheet
105Kb / 3P
   Advanced PMU for CoreLogic LUCY
16-Aug-13
ACT8893 ACTIVE-SEMI-ACT8893 Datasheet
97Kb / 2P
   Advanced PMU for CoreLogic LUCY
29-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com