Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS20XXC Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS20XXC
Description  Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS20XXC Datasheet(HTML) 1 Page - Texas Instruments

  TPS20XXC Datasheet HTML 1Page - Texas Instruments TPS20XXC Datasheet HTML 2Page - Texas Instruments TPS20XXC Datasheet HTML 3Page - Texas Instruments TPS20XXC Datasheet HTML 4Page - Texas Instruments TPS20XXC Datasheet HTML 5Page - Texas Instruments TPS20XXC Datasheet HTML 6Page - Texas Instruments TPS20XXC Datasheet HTML 7Page - Texas Instruments TPS20XXC Datasheet HTML 8Page - Texas Instruments TPS20XXC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
GND
IN
IN
EN or EN
OUT
OUT
OUT
FLT
1
2
3
4
5
6
7
8
GND
OUT
FLT
IN
1
2
3
5
4
DGN
(Top View)
DBV
(Top View)
EN or EN
OUT
IN
GND
FLT
RFLT
10 kW
Control Signal
VIN
150 mF
Fault Signal
Pad*
VOUT
* DGN only
EN or
EN
TPS20xxC
www.ti.com
SLVSAU6A –JUNE 2011–REVISED JULY 2011
Current-Limited, Power-Distribution Switches
Check for Samples: TPS20xxC
1
FEATURES
DESCRIPTION
The TPS20xxC power-distribution switch family is
23
Single Power Switch Family
intended for applications such as USB where heavy
Pin for Pin with Existing TI Switch Portfolio
capacitive loads and short-circuits are likely to be
Rated currents of 0.5 A, 1 A, 1.5 A, 2 A
encountered. This family offers multiple devices with
fixed current-limit thresholds for applications between
±20% Accurate, Fixed, Constant Current Limit
0.5 A and 2 A.
Fast Over-Current Response
– 2 µs
The TPS20xxC family limits the output current to a
Deglitched Fault Reporting
safe level by operating in a constant-current mode
Output Discharge When Disabled
when the output load exceeds the current-limit
Reverse Current Blocking
threshold. This provides a predictable fault current
under all conditions. The fast overload response time
Built-in Softstart
eases the burden on the main 5 V supply to provide
Ambient Temperature Range:
–40°C to 85°C
regulated power when the output is shorted. The
power-switch rise and fall times are controlled to
APPLICATIONS
minimize current surges during turn-on and turn-off.
USB Ports/Hubs, Laptops, Desktops
High-Definition Digital TVs
Set Top Boxes
Short-Circuit Protection
TYPICAL APPLICATION
Figure 1. Typical Application
Table 1. DEVICES(1)
STATUS
MAXIMUM OPERATING
DEVICES
MSOP-8
CURRENT
SOT23-5
(PowerPad)
0.5
TPS2051C
-
Preview
1
TPS2065C
Active
Preview
1.5
TPS2069C
Active
-
2
TPS2000C / 1C
Active
-
(1) For more details, see the DEVICE INFORMATION table.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
is a trademark of ~ Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS20XXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS20XXC_1110 TI1-TPS20XXC_1110 Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS20XXC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com