Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2069C Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2069C
Description  Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2069C Datasheet(HTML) 5 Page - Texas Instruments

  TPS2069C Datasheet HTML 1Page - Texas Instruments TPS2069C Datasheet HTML 2Page - Texas Instruments TPS2069C Datasheet HTML 3Page - Texas Instruments TPS2069C Datasheet HTML 4Page - Texas Instruments TPS2069C Datasheet HTML 5Page - Texas Instruments TPS2069C Datasheet HTML 6Page - Texas Instruments TPS2069C Datasheet HTML 7Page - Texas Instruments TPS2069C Datasheet HTML 8Page - Texas Instruments TPS2069C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
t
R
t
F
10%
90%
V
OUT
OUT
R
L
C
L
V
/EN
V
OUT
t
ON
t
OFF
50%
90%
10%
50%
V
EN
V
OUT
50%
t
ON
t
OFF
50%
90%
10%
I
OUT
120% x I
OS
I
OS
t
IOS
0 A
IOUT
IOS
Decreasing
Load
Resistance
VIN
0 A
0 V
Slope = -RDS(ON)
TPS20xxC
www.ti.com
SLVSAU6A –JUNE 2011–REVISED JULY 2011
ELECTRICAL CHARACTERISTICS:
–40°C ≤ T
J ≤ 125°C (continued)
Unless otherwise noted:4.5 V ≤ VIN ≤ 5.5 V, VEN = VIN or VEN = GND, IOUT = 0 A, typical values are at 5 V and 25°C. See the
DEVICE INFORMATION table for the rated current of each part number.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
FLT
Output low voltage, FLT
IFLT = 1 mA
0.2
V
Off-state leakage
VFLT = 5.5 V
1
µ
A
tFLT
FLT deglitch
FLT assertion/deassertion deglitch
6
9
12
ms
OUTPUT DISCHARGE
VIN = 4 V, VOUT = 5.0 V, disabled
350
560
1200
RPD
Output pull-down resistance
VIN = 5 V, VOUT = 5.0 V, disabled
300
470
800
THERMAL SHUTDOWN
In current limit
135
Rising threshold (TJ)
Not in current limit
155
°
C
Hysteresis (4)
20
(4) These parameters are provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
Figure 2. Output Rise / Fall Test Load
Figure 3. Power-On and Off Timing
Figure 4. Enable Timing, Active High Enable
Figure 5. Enable Timing, Active Low Enable
Figure 6. Output Short Circuit Parameters
Figure 7. Output Characteristic Showing Current Limit
Copyright © 2011, Texas Instruments Incorporated
5


Similar Part No. - TPS2069C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2069C TI1-TPS2069C Datasheet
1Mb / 29P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2069C-2 TI1-TPS2069C-2 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2069CDBVR TI-TPS2069CDBVR Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2069CDBVR TI1-TPS2069CDBVR Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2069CDBVT TI1-TPS2069CDBVT Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Similar Description - TPS2069C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com