Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA188AIDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDBVT
Description  0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA188AIDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA188AIDBVT Datasheet HTML 1Page - Texas Instruments OPA188AIDBVT Datasheet HTML 2Page - Texas Instruments OPA188AIDBVT Datasheet HTML 3Page - Texas Instruments OPA188AIDBVT Datasheet HTML 4Page - Texas Instruments OPA188AIDBVT Datasheet HTML 5Page - Texas Instruments OPA188AIDBVT Datasheet HTML 6Page - Texas Instruments OPA188AIDBVT Datasheet HTML 7Page - Texas Instruments OPA188AIDBVT Datasheet HTML 8Page - Texas Instruments OPA188AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
145
125
105
85
65
45
25
5
-
55
-
15
5
25
125
Temperature( C)
°
-
35
45
65
OPA2188Zero-DriftArchitecture
PrecisionLaserTrimArchitecture
85
105
OPA188
OPA2188
OPA4188
www.ti.com
SBOS525
– AUGUST 2011
0.03-
μV/°C Drift, Low-Noise, Rail-to-Rail Output,
36-V, Zero-Drift OPERATIONAL AMPLIFIERS
Check for Samples: OPA188, OPA2188, OPA4188
1
FEATURES
DESCRIPTION
The OPAx188 series operational amplifiers use TI
2
Low Offset Voltage: 25
μV (max)
proprietary auto-zeroing techniques to provide low
Zero-Drift: 0.03
μV/°C
offset voltage (25
μV, max), and near zero-drift over
Low Noise: 8.8 nV/
√Hz
time
and
temperature.
These
miniature,
0.1-Hz to 10-Hz Noise: 0.25
µVPP
high-precision, low quiescent current amplifiers offer
high input impedance and rail-to-rail output swing
Excellent DC Precision:
within 15 mV of the rails. The input common-mode
PSRR: 142 dB
range includes the negative rail. Either single or dual
CMRR: 146 dB
supplies can be used in the range of +4.0 V to +36 V
Open-Loop Gain: 136 dB
(
±2 V to ±18 V).
Gain Bandwidth: 2 MHz
The single version is available in the MicroSIZE
Quiescent Current: 475
μA (max)
SOT23-5, MSOP-8, and SO-8 packages; the dual is
Wide Supply Range:
±2 V to ±18 V
offered in MSOP-8 and SO-8 packages; the quad is
offered in SO-14 and TSSOP-14 packages. All
Rail-to-Rail Output:
versions are specified for operation from
–40°C to
Input Includes Negative Rail
+105
°C.
RFI Filtered Inputs
MicroSIZE Packages
APPLICATIONS
Bridge Amplifiers
Strain Gauges
Test Equipment
Transducer Applications
Temperature Measurement
Electronic Scales
Medical Instrumentation
Resister Thermal Detectors
Precision Active Filters
Zero-Drift Amplifier Portfolio
OFFSET VOLTAGE DRIFT
VERSION
PRODUCT
OFFSET VOLTAGE (
µV)
(
µV/°C)
BANDWIDTH (MHz)
Single
OPA188 (4 V to 36 V)
25
0.085
2
OPA333 (5 V)
10
0.05
0.35
Single
OPA378 (5 V)
50
0.25
0.9
OPA735 (12 V)
5
0.05
1.6
OPA2188 (4 V to 36 V)
25
0.085
2
OPA2333 (5 V)
10
0.05
0.35
Dual
OPA2378 (5 V)
50
0.25
0.9
OPA2735 (12 V)
5
0.05
1.6
Quad
OPA4188 (4 V to 36 V)
25
0.085
2
Quad
OPA4330 (5 V)
50
0.25
0.35
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA188AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188AIDBVT TI-OPA188AIDBVT Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
More results

Similar Description - OPA188AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_18 Datasheet
2Mb / 41P
[Old version datasheet]   0.005-uV/C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com