Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA188AID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AID
Description  0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA188AID Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA188AID Datasheet HTML 2Page - Texas Instruments OPA188AID Datasheet HTML 3Page - Texas Instruments OPA188AID Datasheet HTML 4Page - Texas Instruments OPA188AID Datasheet HTML 5Page - Texas Instruments OPA188AID Datasheet HTML 6Page - Texas Instruments OPA188AID Datasheet HTML 7Page - Texas Instruments OPA188AID Datasheet HTML 8Page - Texas Instruments OPA188AID Datasheet HTML 9Page - Texas Instruments OPA188AID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
OPA188
OPA2188
OPA4188
SBOS525
– AUGUST 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: Low-Voltage Operation (continued)
VS = ±2 V to < ±4 V (VS = +4 V to < +8 V)
Boldface limits apply over the specified temperature range, TA = –40°C to +105°C.
At TA = +25°C, RL = 10 kΩ connected to VS/2, and VCOM = VOUT = VS/2, unless otherwise noted.
OPA188, OPA2188, OPA4188
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
No load
6
15
mV
Voltage output swing from rail
RL = 10 kΩ
220
250
mV
Voltage output swing from rail
RL = 10 kΩ
310
350
mV
ISC
Short-circuit current
±18
mA
RO
Open-loop output resistance
f = 1 MHz, IO = 0
120
Ω
CLOAD
Capacitive load drive
1
nF
POWER SUPPLY
VS
Operating voltage range
4 to 36 (
±2 to ±18)
V
Quiescent current (per amplifier)
VS = ±2 V to VS = ±4 V
385
440
μA
IQ
over temperature
IO = 0 mA
525
μA
TEMPERATURE RANGE
Specified range
–40
+105
°C
Operating range
–40
+125
°C
Storage range
–65
+150
°C
THERMAL INFORMATION: OPA2188
OPA2188ID
OPA2188IDGK
THERMAL METRIC(1)
D
DGK
UNITS
8 PINS
8 PINS
θJA
Junction-to-ambient thermal resistance
111.0
159.3
θJCtop
Junction-to-case (top) thermal resistance
54.9
37.4
θJB
Junction-to-board thermal resistance
51.7
48.5
°C/W
ψJT
Junction-to-top characterization parameter
9.3
1.2
ψJB
Junction-to-board characterization parameter
51.1
77.1
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA188 OPA2188 OPA4188


Similar Part No. - OPA188AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188AIDBVR TI-OPA188AIDBVR Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188AIDBVT TI-OPA188AIDBVT Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188AIDGKR TI-OPA188AIDGKR Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188AIDGKT TI-OPA188AIDGKT Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
More results

Similar Description - OPA188AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_18 Datasheet
2Mb / 41P
[Old version datasheet]   0.005-uV/C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com