Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA188AIDGKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA188AIDGKR
Description  0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA188AIDGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA188AIDGKR Datasheet HTML 5Page - Texas Instruments OPA188AIDGKR Datasheet HTML 6Page - Texas Instruments OPA188AIDGKR Datasheet HTML 7Page - Texas Instruments OPA188AIDGKR Datasheet HTML 8Page - Texas Instruments OPA188AIDGKR Datasheet HTML 9Page - Texas Instruments OPA188AIDGKR Datasheet HTML 10Page - Texas Instruments OPA188AIDGKR Datasheet HTML 11Page - Texas Instruments OPA188AIDGKR Datasheet HTML 12Page - Texas Instruments OPA188AIDGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
OffsetVoltage( V)
m
20
18
16
14
12
10
8
6
4
2
0
DistributionTakenFrom1400Amplifiers
OffsetVoltageDrift( V/ C)
m
°
40
35
30
25
20
15
10
5
0
DistributionTakenFrom78Amplifiers
15
10
5
0
5
10
15
-
-
-
-
55
-
35
-
15
5
25
125
Temperature( C)
°
45
105
85
65
5TypicalUnitsShown
V = 18V
S
±
15
10
5
0
5
10
15
-
-
-
-
2.5
-
2
-
1.5
-
1
-
0.5
0
2.5
V
(V)
CM
5TypicalUnitsShown
V = 2V
S
±
2
1.5
1
0.5
15
10
5
0
5
10
15
-
-
-
-
20
-
15
-
10
-
5
0
20
V
(V)
CM
5TypicalUnitsShown
V = 18V
S
±
15
10
5
15
10
5
0
5
10
15
-
-
-
0
2
4
6
8
20
V
(V)
SUPPLY
5TypicalUnitsShown
V
= 2Vto 18V
SUPPLY
±
±
16
12
10
18
14
OPA188
OPA2188
OPA4188
www.ti.com
SBOS525
– AUGUST 2011
TYPICAL CHARACTERISTICS
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
OFFSET VOLTAGE DRIFT DISTRIBUTION
Figure 1.
Figure 2.
OFFSET VOLTAGE vs TEMPERATURE
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
Figure 3.
Figure 4.
OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
OFFSET VOLTAGE vs POWER SUPPLY
Figure 5.
Figure 6.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA188 OPA2188 OPA4188


Similar Part No. - OPA188AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188AIDGKR TI-OPA188AIDGKR Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
More results

Similar Description - OPA188AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_18 Datasheet
2Mb / 41P
[Old version datasheet]   0.005-uV/C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
[Old version datasheet]   Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
[Old version datasheet]   Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com