Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25050 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25050
Description  1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25050 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ25050 Datasheet HTML 6Page - Texas Instruments BQ25050 Datasheet HTML 7Page - Texas Instruments BQ25050 Datasheet HTML 8Page - Texas Instruments BQ25050 Datasheet HTML 9Page - Texas Instruments BQ25050 Datasheet HTML 10Page - Texas Instruments BQ25050 Datasheet HTML 11Page - Texas Instruments BQ25050 Datasheet HTML 12Page - Texas Instruments BQ25050 Datasheet HTML 13Page - Texas Instruments BQ25050 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
VIN=5V,VBAT =4.18V,VBAT(REG)=4.2V
CTRL
2V/div
VBAT
2V/div
Offset4.1V
VOUT
2V/div
Offset4.1V
BGATE
2V/div
1ms/div
VIN=5Vto29V,VBAT =3.8V
VIN
10V/div
VBAT
2V/div
LDO
2V/div
IBAT
0.5 A/div
50µs/div
VIN=5V,VBAT =1.8Vto3.45V,ICHG=467mA
VBAT
500V/div
IMON
500mV/div
BGATE
2V/div
IBAT
500mA/div
20ms/div
VIN=5V,VBAT =2.4Vto3.6V,ICHG=467mA
VBAT
500V/div
IMON
500mV/div
BGATE
2V/div
IBAT
500mA/div
20ms/div
VIN=5V,VBAT =2.8Vto4.18V,ICHG=467mA
VBAT
500mV/div
IMON
500mV/div
BGATE
2V/div
IBAT
500mA/div
20ms/div
VIN=5Vwithcurrentlimitof600mA,
VBAT =3.2V,ICHG=93mA to935mA
VIN
2V/div
IIN
500mA/div
IMON
500mV/div
BGATE
2V/div
200µs/div
bq25050
SLUSA33 – MARCH 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Using circuit in Figure 1, TA = 25°C, unless otherwise specified
CANCEL BGATE FORCED ON
INPUT OVP
Figure 9.
Figure 10.
PRE-CHARGE MODE TO MINIMUM OUTPUT REGULATION
MINIMUM OUTPUT REGULATION MODE TO CONSTANT
MODE
CURRENT (CC) MODE
Figure 11.
Figure 12.
PRE-CHARGE TO CONSTANT VOLTAGE (CV) MODE
VIN-DPM
Figure 13.
Figure 14.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq25050


Similar Part No. - BQ25050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25050 TI-BQ25050_15 Datasheet
2Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path Control, and Single Input Interface
More results

Similar Description - BQ25050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25060 TI-BQ25060_1 Datasheet
1Mb / 24P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
BQ25060 TI-BQ25060 Datasheet
1Mb / 22P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
BQ25050 TI-BQ25050_15 Datasheet
2Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path Control, and Single Input Interface
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com