Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8115F-MTE2 Datasheet(PDF) 7 Page - Rohm

Part # BD8115F-MTE2
Description  LED Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8115F-MTE2 Datasheet(HTML) 7 Page - Rohm

Back Button BD8115F-MTE2 Datasheet HTML 3Page - Rohm BD8115F-MTE2 Datasheet HTML 4Page - Rohm BD8115F-MTE2 Datasheet HTML 5Page - Rohm BD8115F-MTE2 Datasheet HTML 6Page - Rohm BD8115F-MTE2 Datasheet HTML 7Page - Rohm BD8115F-MTE2 Datasheet HTML 8Page - Rohm BD8115F-MTE2 Datasheet HTML 9Page - Rohm BD8115F-MTE2 Datasheet HTML 10Page - Rohm BD8115F-MTE2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Technical Note
7/12
BD8115F-M
www.rohm.com
2009.12 - Rev.0.34
© 2009 ROHM Co., Ltd. All rights reserved.
3)Enable Signal
By applying voltage at least VCC×0.8 or more to the SDWN terminal, D0~D7 become open forcibly. At this time, the
temperature protection circuit (TSD) stops. D7~D0 become PWM operation by inputting PWM to SDWN.
4)SEROUT
A cascade connection can be made (connecting at least 2 or more IC’s in serial).
Serial signal input from SERIN is transferred into receiver IC by the fall edge of the CLK signal.
Since this functionality gives enough margins for the setup time prior to the rise edge of the CLK signal on the receiver
IC (using the exact same CLK signal of sender IC), the application reliability can be improved as cascade connection
functionality.
Fig.14
Cascade Connection
By using (at least) 2 ICs, each IC’s D7~D0, at (at least) 16ch, can be controlled by the 16-bit SERIN signal. The serial data
input to the sender IC can be transferred to the receiver IC by inputting 8CLK to the CLK terminal.
Send side IC
Receive side IC
Fig.15
LATCH
CLK
SERIN
d7
d6
d5
d4
d3
d2
d1
d0
12
3
4
5
6
78
SEROUT
D7
LATCH
CLK
SERIN
d15 d14 d13 d12
12
3
4
5
6
7
8
9
10
11
12
13
d11 d10
d9
d8
d7
d6
d5
d4
d3
d2
d1
14
15
16
d0


Similar Part No. - BD8115F-MTE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8112EFV-M ROHM-BD8112EFV-M Datasheet
547Kb / 19P
   Automotive White LED Driver IC
BD8112EFV-M ROHM-BD8112EFV-M Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV Datasheet
212Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8113EFV ROHM-BD8113EFV Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results

Similar Description - BD8115F-MTE2

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com