Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8115FP-MTE2 Datasheet(PDF) 1 Page - Rohm

Part # BD8115FP-MTE2
Description  LED Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8115FP-MTE2 Datasheet(HTML) 1 Page - Rohm

  BD8115FP-MTE2 Datasheet HTML 1Page - Rohm BD8115FP-MTE2 Datasheet HTML 2Page - Rohm BD8115FP-MTE2 Datasheet HTML 3Page - Rohm BD8115FP-MTE2 Datasheet HTML 4Page - Rohm BD8115FP-MTE2 Datasheet HTML 5Page - Rohm BD8115FP-MTE2 Datasheet HTML 6Page - Rohm BD8115FP-MTE2 Datasheet HTML 7Page - Rohm BD8115FP-MTE2 Datasheet HTML 8Page - Rohm BD8115FP-MTE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.rohm.com
2009.12 - Rev.0.34
© 2009 ROHM Co., Ltd. All rights reserved.
1/12
Automotive Body
Power Management LSI Series
LED Driver IC
BD8115F-M
Description
The BD8115F is a serial parallel control LED driver with 35V input voltage rating.
Responding to the 3-line serial data, it turns the 8ch open drain output on/off.
Due to its compact size, it is optimal for small spaces.
Features
1) Open Drain Output
2) 3-line Serial Control + Enable Signal
3) Internal Temperature Protection Circuit (TSD)
4) Cascade Connection Compatible
5) SOP16
6) Internal 8ch Power Transistor
Applications
These ICs can be used with car and consumer electronic.
Absolute Maximum Ratings (Ta=25℃)
Item
Symbol
Value
Unit
Power Supply Voltage
VCC
7
V
Output Voltage(Pin No : 3~6, 11~14)
VDmax
35
V
Input Voltage(Pin No : 2, 7, 8, 10, 15)
VIN
-0.3~VCC
V
Power Dissipation
Pd
560*
mW
Operating Temperature Range
Topr
-40~+105
Storage Temperature Range
Tstg
-55~+150
Drive Current (DC)
IomaxD
50
mA
Drive Current(Pulse)
IomaxP
150**
mA
Junction Temperature
Tjmax
150
* Pd decreased at 4.48mW/℃ for temperatures above Ta=25℃,mounted on 70×70×1.6mm Glass-epoxy PCB.
** Do not however exceed Pd. Time to impress≦200msec
rev. 0.4
rev. 0.34


Similar Part No. - BD8115FP-MTE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8112EFV-M ROHM-BD8112EFV-M Datasheet
547Kb / 19P
   Automotive White LED Driver IC
BD8112EFV-M ROHM-BD8112EFV-M Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV Datasheet
212Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8113EFV ROHM-BD8113EFV Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results

Similar Description - BD8115FP-MTE2

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com