Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8115HFP-MTTR Datasheet(PDF) 2 Page - Rohm

Part # BD8115HFP-MTTR
Description  LED Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8115HFP-MTTR Datasheet(HTML) 2 Page - Rohm

  BD8115HFP-MTTR Datasheet HTML 1Page - Rohm BD8115HFP-MTTR Datasheet HTML 2Page - Rohm BD8115HFP-MTTR Datasheet HTML 3Page - Rohm BD8115HFP-MTTR Datasheet HTML 4Page - Rohm BD8115HFP-MTTR Datasheet HTML 5Page - Rohm BD8115HFP-MTTR Datasheet HTML 6Page - Rohm BD8115HFP-MTTR Datasheet HTML 7Page - Rohm BD8115HFP-MTTR Datasheet HTML 8Page - Rohm BD8115HFP-MTTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technical Note
2/12
BD8115F-M
www.rohm.com
2009.12 - Rev.0.34
© 2009 ROHM Co., Ltd. All rights reserved.
Operational Conditions (Ta=-40~105℃)
Standard Value
Item
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
Vcc
4.5
5
5.5
V
Drive Current
Io
-
20
40
mA
* This product is not designed for protection against radioactive rays.
Electrical Characteristics (Unless specified, Ta=-40~105℃ Vcc=4.5~5.5V)
Standard Value
Item
Symbol
Min
Typ
Max
Unit
Conditions
Output D0~D7】(Pin No : 3~6, 11~14)
ON Resistor
RON
-
6
12
ID=20mA
Output leakage current
IDL
-
0
5
uA
VD=34V
Logic input】(Pin No : 2, 7, 8, 10, 15)
Upper limit threshold voltage
VTH
Vcc
×0.8
-
-
V
Bottom limit threshold voltage
VTL
-
-
Vcc
×0.2
V
Hysteresis width
VHYS
0.15
0.3
0.45
V
VCC=5V
Serial clock frequency
FCLK
-
-
1.25
MHz
Input Current
IIN
20
50
100
uA
VIN=5V
Input leakage Current
IINL
-
0
5
uA
VIN=0V
WHOLE】
Circuit Current
ICC
-
0.3
5
mA
Serial Data Input,
VCC=5V,CLK=500KHz,
SEROUT=OPEN
Static Current
ISTN
-
0
50
uA
RST_B=OPEN,
SEROUT=OPEN
SER OUT】(Pin No. : 9)
Output Voltage high
VOH
4.6
4.8
-
V
VCC=5V, ISO=-4mA
Output voltage Low
VOL
-
0.2
0.4
V
VCC=5V, ISO=4mA
* This product is not designed for protection against radioactive rays.


Similar Part No. - BD8115HFP-MTTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8112EFV-M ROHM-BD8112EFV-M Datasheet
547Kb / 19P
   Automotive White LED Driver IC
BD8112EFV-M ROHM-BD8112EFV-M Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV Datasheet
212Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8113EFV ROHM-BD8113EFV Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results

Similar Description - BD8115HFP-MTTR

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com