Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1118 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1118
Description  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1118 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1118 Datasheet HTML 1Page - Texas Instruments ADS1118 Datasheet HTML 2Page - Texas Instruments ADS1118 Datasheet HTML 3Page - Texas Instruments ADS1118 Datasheet HTML 4Page - Texas Instruments ADS1118 Datasheet HTML 5Page - Texas Instruments ADS1118 Datasheet HTML 6Page - Texas Instruments ADS1118 Datasheet HTML 7Page - Texas Instruments ADS1118 Datasheet HTML 8Page - Texas Instruments ADS1118 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
SPI
Interface
Oscillator
Voltage
Reference
High Accuracy
Temp Sensor
MUX
PGA
16-bit
ADC
GND
2V
500
500
0.1 F
1 F
0.1 F
GND
1M
1M
GND
2V
500
500
1 F
0.1 F
GND
1M
GND
2V
0.1 F
0.1 F
GND
AIN0
AIN1
AIN2
AIN3
SCLK
CS
VDD
GND
DOUT/DRDY
DIN
ADS1118
1M
GND
GND
ADS1118
www.ti.com
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
Ultra-Small, Low-Power, SPI
™-Compatible, 16-Bit
Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Check for Samples: ADS1118
1
FEATURES
DESCRIPTION
The
ADS1118
is
a
precision
analog-to-digital
23
Ultra-Small QFN Package:
converter (ADC) with 16 bits of resolution offered in
2mm
× 1,5mm × 0,4mm
an ultra-small, leadless QFN-10 package or an
Wide Supply Range: 2.0V to 5.5V
MSOP-10 package. The ADS1118 is designed with
Low Current Consumption:
precision, power, and ease of implementation in
– Continuous Mode: Only 150μA
mind. The ADS1118 features an onboard reference
and oscillator. Data are transferred via a serial
– Single-Shot Mode: Auto Shutdown
peripheral interface (SPI). The ADS1118 operates
Programmable Data Rate:
from a single power supply ranging from 2V to 5.5V.
8SPS to 860SPS
Single-Cycle Settling
The ADS1118 can perform conversions at rates up to
860
samples
per
second
(SPS).
An
onboard
Internal Low-Drift Voltage Reference
programmable gain amplifier (PGA) is available on
Internal Temperature Sensor:
the ADS1118 that offers input ranges from the supply
– 0.5°C Max Error
to as low as
±256mV. This range allows both large
Internal Oscillator
and
small
signals
to
be
measured
with
high
resolution. The ADS1118 also features an input
Internal PGA
multiplexer (MUX) that provides two differential or
Four Single-Ended or Two Differential Inputs
four single-ended inputs. The ADS1118 can also
function as a high-accuracy temperature sensor. This
APPLICATIONS
temperature sensor can be used for system-level
Temperature Measurement:
temperature monitoring or cold junction compensation
for thermocouples.
– Thermocouple Measurement
– Cold Junction Compensation
The
ADS1118
operates
either
in
continuous
– Thermistor Measurement
conversion
mode
or
a
single-shot
mode
that
automatically
powers
down
after
a
conversion.
Portable Instrumentation
Single-shot
mode
significantly
reduces
current
Factory Automation and Process Controls
consumption during idle periods. The ADS1118 is
specified from
–40°C to +125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1118 TI-ADS1118 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118-Q1 TI1-ADS1118-Q1 Datasheet
709Kb / 41P
[Old version datasheet]   Analog-to-Digital Converter
ADS1118-Q1 TI-ADS1118-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
More results

Similar Description - ADS1118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com