Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM-014TB Datasheet(PDF) 8 Page - Rohm

Part # SCM-014TB
Description  Photo Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCM-014TB Datasheet(HTML) 8 Page - Rohm

  SCM-014TB Datasheet HTML 1Page - Rohm SCM-014TB Datasheet HTML 2Page - Rohm SCM-014TB Datasheet HTML 3Page - Rohm SCM-014TB Datasheet HTML 4Page - Rohm SCM-014TB Datasheet HTML 5Page - Rohm SCM-014TB Datasheet HTML 6Page - Rohm SCM-014TB Datasheet HTML 7Page - Rohm SCM-014TB Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PRODUCTS
Photo Transistor
TYPE
SCM-014TB
PAGE
【ATTENTION POINT IN HANDLING】
This product was developed as a surface mount LED especially suitable for soldering.
Please take care of following points when using this device.
1.DESIGNING OF PCB
As for a recommendable solder pattern, Please refer to Fig-1.
The size and direction of the pad pattern
depends on the condition of the PCB,
So, please investigate about the adjustment
thoroughly before designing.
2.SOLDERING ( Sn-Cu, Sn-Ag-Cu, Sn-Ag-Bi-Cu )
LED products do not contain reinforcement
materials such as glass fillers.
Therefore, thermal stress by soldering greatly
influence its reliability.
The temperature conditions for reflow soldering
should therefore be set up according to the
characteristic of this product. (See Fig-2)
Number of reflow process shall be max 2 times
and these processes shall be performed in a row.
Cooling process to normal temperature shall be required
between first and second soldering process.
3.WASHING
Please note the following points when washing is required after soldering.
3-1) WASHING SOLVENT
Isopropyl alcohol or other alcohol solvent is recommendable.
3-2) TEMPERATURE
Below 30℃, immersion time ; within 3 minutes.
3-3) ULTRA SONIC WASHING
Below 15 / 1 litter of solvent tub.
3-4) COOLING
Below 100℃ within 3 minutes.
4.STORAGE
At reflow soldering, the reliability of this product is often influenced by moisture
absorption so we apply the packaging with moisture proof for better condition is use, please also note that
5-1) Not to be opened before using.
5-2) To be kept in our moisture proof packaging with some desiccant (SILICA GEL) after opening it.
To be baked in case the SILICA GEL indicator loses its blue color.
5-3) Please use within 168 hours after the package was opened. (Condition at 30℃, max.70%Rh.)
In case it is not used within 168 hours, please put it back into our packaging.
5-4) BAKING
Please bake under reel condition at 60℃, 12~24 hours (max.20%Rh) after un-sealing.
While baking is done, the reel and emboss tape may be easily deformed.
Please be careful not to give any stress.
REV.:
SPECIFICATION No.:
TENTATIVE
TSZ22111・04
(Fig-1)
0
50
100
150
200
250
300
Max 260℃, Within 10sec
140~180℃
230~260℃
Min 1min
Max 40sec
(Fig-2)


Similar Part No. - SCM-014TB

ManufacturerPart #DatasheetDescription
logo
Rohm
SCM-014TB ROHM-SCM-014TB Datasheet
189Kb / 8P
   Specifications (Precautions and Prohibitions)
SCM-014TBT86 ROHM-SCM-014TBT86 Datasheet
189Kb / 8P
   Specifications (Precautions and Prohibitions)
More results

Similar Description - SCM-014TB

ManufacturerPart #DatasheetDescription
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
   Photo Transistor
logo
NEC
PH108A NEC-PH108A Datasheet
62Kb / 2P
   PHOTO TRANSISTOR
logo
Marktech Corporate
MTD8000NW MARKTECH-MTD8000NW Datasheet
56Kb / 2P
   Photo Transistor
MTD8060P MARKTECH-MTD8060P Datasheet
104Kb / 2P
   Photo Transistor
logo
Toshiba Semiconductor
TPS618 TOSHIBA-TPS618 Datasheet
196Kb / 4P
   PHOTO-TRANSISTOR
logo
Marktech Corporate
PT086N4 MARKTECH-PT086N4 Datasheet
254Kb / 1P
   Photo Transistor
MTD8060W MARKTECH-MTD8060W_2 Datasheet
175Kb / 2P
   Photo Transistor
MTD6000PT MARKTECH-MTD6000PT Datasheet
183Kb / 2P
   Photo Transistor
MTD6010A MARKTECH-MTD6010A Datasheet
82Kb / 2P
   PHOTO TRANSISTOR
MTD6160 MARKTECH-MTD6160 Datasheet
103Kb / 3P
   PHOTO TRANSISTOR?
MTD8000M3B-T MARKTECH-MTD8000M3B-T_15 Datasheet
570Kb / 3P
   Photo Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com