Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS41B29IRGZR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS41B29IRGZR
Description  14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS41B29IRGZR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS41B29IRGZR Datasheet HTML 7Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 8Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 9Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 10Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 11Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 12Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 13Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 14Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
ADS41B29
ADS41B49
www.ti.com
SBAS486D – NOVEMBER 2009 – REVISED DECEMBER 2010
TIMING REQUIREMENTS: LVDS and CMOS Modes
(1)
Typical values are at +25°C, AVDD = 1.8V, AVDD_BUF = 3.3V, DRVDD = 1.8V, sampling frequency = 250 MSPS, sine wave
input clock, CLOAD = 5pF
(2), and R
LOAD = 100Ω
(3), unless otherwise noted. Minimum and maximum values are across the full
temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, AVDD_BUF = 3.3V, and DRVDD = 1.7V to 1.9V.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
tA
Aperture delay
0.6
0.8
1.2
ns
Variation of
Between two devices at
±100
ps
aperture delay
the same temperature and DRVDD supply
tJ
Aperture jitter
100
fS rms
Time to valid data after coming out of STANDBY mode
5
25
µs
Wakeup time
Time to valid data after coming out of PDN GLOBAL mode
100
500
µs
Clock
Gain enabled (default after reset)
21
cycles
ADC latency(4)
Clock
Gain and offset correction enabled
22
cycles
DDR LVDS MODE
tSU
Data setup time(5)
Data valid(6) to zero-crossing of CLKOUTP
0.75
1.1
ns
tH
Data hold time(5)
Zero-crossing of CLKOUTP to data becoming invalid(6)
0.35
0.6
ns
Input clock rising edge cross-over to
tPDI
Clock propagation delay
output clock rising edge cross-over
3
4.2
5.4
ns
1MSPS ≤ sampling frequency ≤ 250MSPS
Between two devices at
Variation of tPDI
±0.6
ns
the same temperature and DRVDD supply
LVDS bit
Duty cycle of differential clock, (CLKOUTP – CLKOUTM)
42
48
54
%
clock duty cycle
1MSPS ≤ sampling frequency ≤ 250MSPS
Rise time measured from –100mV to +100mV
Data rise time,
tRISE, tFALL
Fall time measured from +100mV to –100mV
0.14
ns
Data fall time
1MSPS ≤ sampling frequency ≤ 250MSPS
Rise time measured from –100mV to +100mV
tCLKRISE,
Output clock rise time,
Fall time measured from +100mV to –100mV
0.14
ns
tCLKFALL
Output clock fall time
1MSPS ≤ sampling frequency ≤ 250MSPS
Output enable (OE) to
tOE
Time to valid data after OE becomes active
50
100
ns
data delay
PARALLEL CMOS MODE(7)
tSTART
Input clock to data delay
Input clock rising edge cross-over to start of data valid(6)
1.6
ns
tDV
Data valid time
Time interval of valid data(6)
2.5
3.2
ns
Input clock rising edge cross-over to
tPDI
Clock propagation delay
output clock rising edge cross-over
4
5.5
7
ns
1MSPS ≤ sampling frequency ≤ 200MSPS
Duty cycle of output clock, CLKOUT
Output clock duty cycle
47
%
1MSPS ≤ sampling frequency ≤ 200MSPS
Rise time measured from 20% to 80% of DRVDD
Data rise time,
tRISE, tFALL
Fall time measured from 80% to 20% of DRVDD
0.35
ns
Data fall time
1 ≤ sampling frequency ≤ 250MSPS
Rise time measured from 20% to 80% of DRVDD
tCLKRISE,
Output clock rise time,
Fall time measured from 80% to 20% of DRVDD
0.35
ns
tCLKFALL
Output clock fall time
1 ≤ sampling frequency ≤ 200MSPS
Output enable (OE) to
tOE
Time to valid data after OE becomes active
20
40
ns
data delay
(1)
Timing parameters are ensured by design and characterization but are not production tested.
(2)
CLOAD is the effective external single-ended load capacitance between each output pin and ground.
(3)
RLOAD is the differential load resistance between the LVDS output pair.
(4)
At higher frequencies, tPDI is greater than one clock period and overall latency = ADC latency + 1.
(5)
RLOAD is the differential load resistance between the LVDS output pair.
(6)
Data valid refers to a logic high of 1.26V and a logic low of 0.54V.
(7)
For fS > 200MSPS, it is recommended to use an external clock for data capture instead of the device output clock signal (CLKOUT).
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS41B29 ADS41B49


Similar Part No. - ADS41B29IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS41B29IRGZR TI-ADS41B29IRGZR Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B29IRGZR TI1-ADS41B29IRGZR Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
More results

Similar Description - ADS41B29IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
logo
Texas Instruments
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com