Electronic Components Datasheet Search |
|
QP-100-3C Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd. |
|
QP-100-3C Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd. |
1 / 5 page SPECIFICATION MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER (max.) OUTPUT VOLTAGE ADJ.RANGE LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDUP TIME (Typ.) VOLTAGERANGE Note.5 FREQUENCY RANGE POWERFACTOR (Typ.) EFFICIENCY (Typ.) INRUSHCURRENT (Typ.) LEAKAGECURRENT SAFETY STANDARDS HARMONICCURRENT EMSIMMUNITY WORKINGTEMP. WORKINGHUMIDITY STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVERLOAD OVERVOLTAGE OVERTEMPERATURE(OPTION) ACCURRENT (Typ.) 90~264VAC127~370VDC 47~63Hz PF>0.95/230VACPF>0.98/115VACatfullload 74% 74% 75% 1.5A/115VAC0.75A/230VAC COLDSTART 40A/230V <3.5mA /240VAC 105~150% ratedoutputpower CH1:5.75~6.75VCH2:3.8~4.4V Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved Protectiontype: Shutdowno/pvoltage,re-powerontorecover UL60950-1, TUVEN60950-1approved -10~+60 (Refertooutputloadderatingcurve) 20~90%RHnon-condensing -20~+85 ,10~95%RH 0.03%/ (0~50 ) 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes 139.9Khrsmin.MIL-HDBK-217F(25 ) 199*99*50mm(L*W*H) 0.87Kg;20pcs/18.4Kg/1.28CUFT 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 5. Derating may be needed under low input voltages. Please check the derating curve for more details. For guidance on how to perform these EMC tests, please refer to EMI testing of component power supplies. (as available on http://www.meanwell.com) CompliancetoEN55022(CISPR22)ClassB Complianceto EN61000-3-2,-3 Complianceto EN55024,lightindustrylevel,criteria A EN61000-4-2,3,4,5,6,8,11;ENV50204, RIPPLE&NOISE(max.) Note.2 VOLTAGETOLERANCE Note.3 100WQuadOutputwithPFCFunction Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections: Short circuit / Overload / Over voltage Free air cooling convection CH4: Polarity is selectable Fixed switching frequency at 100KHz 3 years warranty Features: Q P - 1 0 0 series ENVIRONMENT SAFETY & EMC (Note4) PROTECTION WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25 /70%RH EMICONDUCTION&RADIATION QP-100-3A QP-100-3B QP-100-3C 5V 5V 3.3V 12V -5V 3.3V 12V -12V 3.3V 15V -15V 8A 8A 8A 2.5A 0.6A 8A 2.2A 0.6A 8A 1.7A 0.6A 2~10A 2~10A 2~10A 0~10A 0.3~3A 0~1A 0~10A 0.3~3A 0~1A 0~10A 0.3~2A 0~1A 99.4W 100W 100.9W 100mVp-p CH1:4.75~5.5VCH2:3.14~3.63V CH1:4.75~5.5VCH2:3.14~3.63V CH1:4.75~5.5VCH2:3.14~3.63V 100mVp-p 150mVp-p 150mVp-p 100mVp-p 150mVp-p 150mVp-p 100mVp-p 150mVp-p 150mVp-p 100mVp-p 100mVp-p 3.0% 3.0% 3.0% 3.0% 3.0% 3.0% 6.0% 5.0% 6.0% 5.0% +8,-6% 5.0% 1.0% 1.0% 1.0% 2.0% 1.0% 1.0% 2.0% 1.0% 1.0% 1.0% 2.0% 1.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 6.0% 2.0% 6.0% 6.0% 95 5 (TSW1) Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown FileName:QP-100-SPEC2010-10-18 INPUT 800ms,50ms/230VAC 115VACatfullload 800ms,50ms/ 24ms/230VAC24 115VACatfullload ms/ CH2 CH2 CH2 CH3 CH3 CH3 CH4 CH4 CH4 CH1 CH1 OUTPUTNUMBER .. 5V 8A CH1 |
Similar Part No. - QP-100-3C |
|
Similar Description - QP-100-3C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |