Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430X461X1 Datasheet(PDF) 10 Page - Texas Instruments

Part # MSP430X461X1
Description  MIXED SIGNAL MICROCONTROLLER
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430X461X1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430X461X1_10 Datasheet HTML 6Page - Texas Instruments MSP430X461X1_10 Datasheet HTML 7Page - Texas Instruments MSP430X461X1_10 Datasheet HTML 8Page - Texas Instruments MSP430X461X1_10 Datasheet HTML 9Page - Texas Instruments MSP430X461X1_10 Datasheet HTML 10Page - Texas Instruments MSP430X461X1_10 Datasheet HTML 11Page - Texas Instruments MSP430X461X1_10 Datasheet HTML 12Page - Texas Instruments MSP430X461X1_10 Datasheet HTML 13Page - Texas Instruments MSP430X461X1_10 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
MSP430x461x1, MSP430x461x
MIXED SIGNAL MICROCONTROLLER
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MSP430x461x1 Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DVCC1
1
Digital supply voltage, positive terminal
P6.3
2
I/O
General-purpose digital I/O
P6.4
3
I/O
General-purpose digital I/O
P6.5
4
I/O
General-purpose digital I/O
P6.6
5
I/O
General-purpose digital I/O
P6.7/SVSIN
6
I/O
General-purpose digital I/O / analog input to brownout, supply voltage supervisor
Reserved
7
O
Reserved, do not connect externally
XIN
8
I
Input port for crystal oscillator XT1. Standard or watch crystals can be connected.
XOUT
9
O
Output terminal of crystal oscillator XT1
DVSS
10
I/O
Connect to DVSS
DVSS
11
I
Connect to DVSS
P5.1/S0 (see Note 2)
12
I/O
General-purpose digital I/O / LCD segment output 0
P5.0/S1 (see Note 2)
13
I/O
General-purpose digital I/O / LCD segment output 1
P10.7/S2 (see Note 2)
14
I/O
General-purpose digital I/O / LCD segment output 2
P10.6/S3 (see Note 2)
15
I/O
General-purpose digital I/O / LCD segment output 3
P10.5/S4
16
I/O
General-purpose digital I/O / LCD segment output 4
P10.4/S5
17
I/O
General-purpose digital I/O / LCD segment output 5
P10.3/S6
18
I/O
General-purpose digital I/O / LCD segment output 6
P10.2/S7
19
I/O
General-purpose digital I/O / LCD segment output 7
P10.1/S8
20
I/O
General-purpose digital I/O / LCD segment output 8
P10.0/S9
21
I/O
General-purpose digital I/O / LCD segment output 9
P9.7/S10
22
I/O
General-purpose digital I/O / LCD segment output 10
P9.6/S11
23
I/O
General-purpose digital I/O / LCD segment output 11
P9.5/S12
24
I/O
General-purpose digital I/O / LCD segment output 12
P9.4/S13
25
I/O
General-purpose digital I/O / LCD segment output 13
P9.3/S14
26
I/O
General-purpose digital I/O / LCD segment output 14
P9.2/S15
27
I/O
General-purpose digital I/O / LCD segment output 15
P9.1/S16
28
I/O
General-purpose digital I/O / LCD segment output 16
P9.0/S17
29
I/O
General-purpose digital I/O / LCD segment output 17
P8.7/S18
30
I/O
General-purpose digital I/O / LCD segment output 18
P8.6/S19
31
I/O
General-purpose digital I/O / LCD segment output 19
P8.5/S20
32
I/O
General-purpose digital I/O / LCD segment output 20
P8.4/S21
33
I/O
General-purpose digital I/O / LCD segment output 21
P8.3/S22
34
I/O
General-purpose digital I/O / LCD segment output 22
NOTE 2: Segments S0 through S3 are disabled when the LCD charge pump feature is enabled (LCDCPEN = 1) and cannot be used together
with the LCD charge pump. In addition, when using segments S0 through S3 with an external LCD voltage supply, VLCD ≤ AVCC.


Similar Part No. - MSP430X461X1_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X461X1 TI-MSP430X461X1 Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430X461X1_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com