Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP103DYFFT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103DYFFT
Description  Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP103DYFFT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP103DYFFT Datasheet HTML 4Page - Texas Instruments TMP103DYFFT Datasheet HTML 5Page - Texas Instruments TMP103DYFFT Datasheet HTML 6Page - Texas Instruments TMP103DYFFT Datasheet HTML 7Page - Texas Instruments TMP103DYFFT Datasheet HTML 8Page - Texas Instruments TMP103DYFFT Datasheet HTML 9Page - Texas Instruments TMP103DYFFT Datasheet HTML 10Page - Texas Instruments TMP103DYFFT Datasheet HTML 11Page - Texas Instruments TMP103DYFFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Startup
Startof
Conversion
Delay
(1)
26ms
26ms
Measured
Temperature
T
HIGH
T
LOW
FHBit
(TransparentMode)
Read
Read
Time
Read
FLBit
(TransparentMode)
FHBit
(LatchMode)
FLBit
(LatchMode)
TMP103
SBOS545A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
CONFIGURATION REGISTER
The latch bit (LC) in the configuration register is used
to latch the value of the flag bits (FH and FL) until the
The Configuration Register is an eight-bit read/write
master issues a read command to the configuration
register used to store bits that control the operational
register. The flag bits are set to '0' if a read command
modes
of
the
temperature
sensor.
Read/write
is received by the TMP103, or if LC = '0' and the
operations are performed MSB first. The format and
temperature is within the temperature limits. The
power-up/reset value of the Configuration Register is
power-on default values for these bits are FH = '0',
shown in Table 5. All registers are updated at the end
FL = '0', and LC = '0'.
of the data byte.
CONVERSION RATE
Table 5. Configuration and Power-Up/Reset
Format
The conversion rate bits, CR1 and CR0 located in the
Configuration Register, configure the TMP103 for
D7
D6
D5
D4
D3
D2
D1
D0
conversion
rates
of
8Hz,
4Hz,
1Hz,
or
ID
CR1
CR0
FH
FL
LC
M1
M0
0.25Hz
(default).
The
TMP103
has
a
typical
0
0
0
0
0
0
1
0
conversion time of 26ms. To achieve different
conversion rates, the TMP103 performs a single
conversion and then powers down and waits for the
TEMPERATURE WATCHDOG FUNCTION
appropriate delay set by CR1 and CR0. Table 6
The TMP103 contains a watchdog function that
shows the settings for CR1 and CR0.
monitors device temperature and compares the result
to the values stored in the temperature limit registers
Table 6. Conversion Rate Settings
(THIGH and TLOW) in order to determine if the device
CR1
CR0
CONVERSION RATE
temperature
is
within
these
set
limits.
If
the
temperature of the TMP103 becomes greater than
0
0
0.25Hz (default)
the value in the THIGH register, then the flag-high bit
0
1
1Hz
(FH) in the configuration register is set to '1'. If the
1
0
4Hz
temperature falls below value in the TLOW register,
1
1
8Hz
then the flag-low bit (FL) is set to '1'. If both flag bits
remain '0', then the temperature is within the
After power-up or general-call reset, the TMP103
temperature window set by the temperature limit
immediately
starts
a
conversion,
as
shown
in
registers, as shown in Figure 8.
Figure 9. The first result is available after 26ms
(typical).
The
active
quiescent
current
during
conversion is 40
μA (typical at +27°C, V+ = 1.8V). The
quiescent current during delay is 1.0
μA (typical at
+27
°C, V+ = 1.8V).
(1) Delay is set by CR1 and CR0.
Figure 9. Conversion Start
SHUTDOWN MODE (M1 =
'0', M0 = '0')
Shutdown mode saves maximum power by shutting
down all device circuitry other than the serial
interface, reducing current consumption to typically
less than 0.5
μA. Shutdown mode is enabled when
Figure 8. Temperature Flag Functional Diagram
bits M1 and M0 (in the Configuration Register) = '00'.
The device shuts down when the current conversion
is completed.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP103


Similar Part No. - TMP103DYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP103DYFFT TI1-TMP103DYFFT Datasheet
992Kb / 30P
[Old version datasheet]   Low-Power, Digital Temperature Sensor
More results

Similar Description - TMP103DYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP108 TI-TMP108 Datasheet
268Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com