Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28021 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28021
Description  Piccolo Microcontrollers
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28021 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320F28021 Datasheet HTML 1Page - Texas Instruments TMS320F28021 Datasheet HTML 2Page - Texas Instruments TMS320F28021 Datasheet HTML 3Page - Texas Instruments TMS320F28021 Datasheet HTML 4Page - Texas Instruments TMS320F28021 Datasheet HTML 5Page - Texas Instruments TMS320F28021 Datasheet HTML 6Page - Texas Instruments TMS320F28021 Datasheet HTML 7Page - Texas Instruments TMS320F28021 Datasheet HTML 8Page - Texas Instruments TMS320F28021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
Piccolo Microcontrollers
Check for
Samples: TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
1
TMS320F2802x, TMS320F2802xx ( Piccolo™) MCUs
1.1
Features
123
– Integrated Power-on and Brown-out Resets
• Highlights
– Small Packaging, as Low as 38-Pin Available
– High-Efficiency 32-Bit CPU ( TMS320C28x™)
– Low Power
– 60-MHz, 50-MHz, and 40-MHz Devices
– No Analog Support Pins
– Single 3.3-V Supply
• Clocking:
– Integrated Power-on and Brown-out Resets
– Two Internal Zero-pin Oscillators
– Two Internal Zero-pin Oscillators
– On-Chip Crystal Oscillator/External Clock
– Up to 22 Multiplexed GPIO Pins
Input
– Three 32-Bit CPU Timers
– Dynamic PLL Ratio Changes Supported
– On-Chip Flash, SARAM, OTP Memory
– Watchdog Timer Module
– Code-security Module
– Missing Clock Detection Circuitry
– Serial Port Peripherals (SCI/SPI/I2C)
• Up to 22 Individually Programmable,
– Enhanced Control Peripherals
Multiplexed GPIO Pins With Input Filtering
Enhanced Pulse Width Modulator (ePWM)
• Peripheral Interrupt Expansion (PIE) Block That
High-Resolution PWM (HRPWM)
Supports All Peripheral Interrupts
Enhanced Capture (eCAP)
• Three 32-Bit CPU Timers
Analog-to-Digital Converter (ADC)
• Independent 16-Bit Timer in Each ePWM
On-Chip Temperature Sensor
Module
Comparator
• On-Chip Memory
– 38-Pin and 48-Pin Packages
– Flash, SARAM, OTP, Boot ROM Available
• High-Efficiency 32-Bit CPU ( TMS320C28x™)
• 128-Bit Security Key/Lock
– 60 MHz (16.67-ns Cycle Time)
– Protects Secure Memory Blocks
– 50 MHz (20-ns Cycle Time)
– Prevents Firmware Reverse Engineering
– 40 MHz (25-ns Cycle Time)
• Serial Port Peripherals
– 16 x 16 and 32 x 32 MAC Operations
– One SCI (UART) Module
– 16 x 16 Dual MAC
– One SPI Module
– Harvard Bus Architecture
– One Inter-Integrated-Circuit (I2C) Bus
– Atomic Operations
• Advanced Emulation Features
– Fast Interrupt Response and Processing
– Analysis and Breakpoint Functions
– Unified Memory Programming Model
– Real-Time Debug via Hardware
– Code-Efficient (in C/C++ and Assembly)
• 2802x, 2802xx Packages
• Low Device and System Cost:
– 38-Pin DA Plastic Small-Outline Package
– Single 3.3-V Supply
(PSOP)
– No Power Sequencing Requirement
– 48-Pin PT Plastic Quad Flatpack (PQFP)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Piccolo, TMS320C28x, C28x, TMS320C2000, Code Composer Studio, XDS510, XDS560 are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320F28021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28021 TI1-TMS320F28021 Datasheet
423Kb / 15P
[Old version datasheet]   LAUNCHXL-F28027 C2000 Piccolo LaunchPad
TMS320F28021 TI1-TMS320F28021 Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28021 TI1-TMS320F28021 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28021 TI1-TMS320F28021 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28021 TI1-TMS320F28021 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com